Electronic Components Datasheet Search
  English  ▼

X  

AD5451 Datasheet(PDF) 12 Page - Analog Devices

Part # AD5451
Description  8/10/12/14-Bit High Bandwidth Multiplying DACs with Serial Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5451 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD5451 Datasheet HTML 8Page - Analog Devices AD5451 Datasheet HTML 9Page - Analog Devices AD5451 Datasheet HTML 10Page - Analog Devices AD5451 Datasheet HTML 11Page - Analog Devices AD5451 Datasheet HTML 12Page - Analog Devices AD5451 Datasheet HTML 13Page - Analog Devices AD5451 Datasheet HTML 14Page - Analog Devices AD5451 Datasheet HTML 15Page - Analog Devices AD5451 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
–12–
REV. PrD
AD5450/AD5451/AD5452/AD5453
PRELIMINARY TECHNICAL DATA
CIRCUIT OPERATION
Unipolar Mode
Using a single op amp, these devices can easily be
configured to provide 2 quadrant multiplying operation or
a unipolar output voltage swing as shown in Figure 3.
When an output amplifier is connected in unipolar mode,
the output voltage is given by:
VOUT = -D/2
n x V
REF
Where D is the fractional representation of the digital
word loaded to the DAC, and n is the number of bits.
D = 0 to 255 (8-Bit AD5450)
= 0 to 1023 (10-Bit AD5451)
= 0 to 4095 (12-Bit AD5452)
= 0 to 16383 (14-Bit AD5453)
Note that the output voltage polarity is opposite to the
VREF polarity for dc reference voltages.
VOUT = 0 to -VREF
SCLK SDIN
VDD
GND
VREF
SYNC
IOUT1
RFB
VDD
VREF
uController
AGND
AD5450/1/2/3
NOTES:
1R1 AND R2 USED ONLY IF GAIN ADJUSTMENT IS REQUIRED.
2C1 PHASE COMPENSATION (1pF - 5pF) MAY BE REQUIRED
IF A1 IS A HIGH SPEED AMPLIFIER.
R1
R2
C1
A1
Figure 3. Unipolar Operation
These DACs are designed to operate with either negative
or positive reference voltages. The VDD power pin is only
used by the internal digital logic to drive the DAC
switches’ ON and OFF states.
These DACs are also designed to accommodate ac refer-
ence input signals in the range of -10V to +10V.
With a fixed 10 V reference, the circuit shown above will
give an unipolar 0V to -10V output voltage swing. When
VIN is an ac signal, the circuit performs two-quadrant
multiplication.
The following table shows the relationship between digital
code and expected output voltage for unipolar operation.
(AD5450, 8-Bit device).
Table I. Unipolar Code Table
Digital Input
Analog Output (V)
1111 1111
-VREF (255/256)
1000 0000
-VREF (128/256) = -VREF/2
0000 0001
-VREF (1/256)
0000 0000
-VREF (0/256) = 0
Bipolar Operation
In some applications, it may be necessary to generate full
4-Quadrant multplying operation or a bipolar output
swing. This can be easily accomplished by using another
external amplifier and some external resistors as shown in
Figure 4. In this circuit, the second amplifier A2 provides
a gain of 2. Biasing the external amplifier with an offset
from the reference voltage results in full 4-quadrant
multiplying operation. The transfer function of this circuit
shows that both negative and positive output voltages are
created as the input data (D) is incremented from code
zero (VOUT = - VREF) to midscale (VOUT - 0V ) to full
scale (VOUT = + VREF).
VOUT = (VREF x D / 2
n-1 )
- VREF
Where D is the fractional representation of the digital
word loaded to the DAC and n is the resolution of the
DAC.
D = 0 to 255 (8-Bit AD5450)
= 0 to 1023 (10-Bit AD5451)
= 0 to 4095 (12-Bit AD5452)
= 0 to 16383 (14-Bit AD5453)
When VIN is an ac signal, the circuit performs four-
quadrant multiplication.
Table II. shows the relationship between digital code and
the expected output voltage for bipolar operation
(AD5450, 8-Bit device).
Figure 4. Bipolar Operation (4 Quadrant Multiplication)
VOUT
SCLK SDIN
VDD
VREF
± 10V
SYNC
GND
IOUT1
RFB
VDD
VREF
uController
NOTES:
1R1 AND R2 ARE USED ONLY IF GAIN ADJUSTMENT IS REQUIRED.
ADJUST R1 FOR VOUT = 0V WITH CODE 10000000 LOADED TO DAC.
2MATCHING AND TRACKING IS ESSENTIAL FOR RESISTOR PAIRS
R3 AND R4.
3C1 PHASE COMPENSATION (1pF-5pF) MAY BE REQUIRED
IF A1/A2 IS A HIGH SPEED AMPLIFIER.
R4
10k
Ω
R5
20k
Ω
AGND
= -VREFto+VREF
R3
20k
Ω
AD5450/1/2/3
R1
R2
C1
A1
A2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com