Electronic Components Datasheet Search
  English  ▼

X  

AD5451 Datasheet(PDF) 11 Page - Analog Devices

Part # AD5451
Description  8/10/12/14-Bit High Bandwidth Multiplying DACs with Serial Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5451 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5451 Datasheet HTML 7Page - Analog Devices AD5451 Datasheet HTML 8Page - Analog Devices AD5451 Datasheet HTML 9Page - Analog Devices AD5451 Datasheet HTML 10Page - Analog Devices AD5451 Datasheet HTML 11Page - Analog Devices AD5451 Datasheet HTML 12Page - Analog Devices AD5451 Datasheet HTML 13Page - Analog Devices AD5451 Datasheet HTML 14Page - Analog Devices AD5451 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AD5450/AD5451/AD5452/AD5453
–11–
REV. PrD
PRELIMINARY TECHNICAL DATA
GENERAL DESCRIPTION
DAC SECTION
The AD5450, AD5451, AD5452 and AD5453 are 8, 10,
12 and 14 bit current output DACs consisting of a
segmented (4-Bits) inverting R-2R ladder configuration.
The feedback resistor RFB has a value of R. The value of R
is typically 9.3k
Ω (minimum 8kΩ and maximum 12kΩ).
If IOUT1 is kept at the same potential as GND, a constant
current flows in each ladder leg, regardless of digital input
code. Therefore, the input resistance presented at VREF is
always constant and nominally of value R. The DAC
output (IOUT) is code-dependent, producing various
resistances and capacitances. External amplifier choice
should take into account the variation in impedance
generated by the DAC on the amplifiers inverting input
node.
Access is provided to the VREF, RFB, and IOUT1 terminals
of the DAC, making the device extremely versatile and
allowing it to be configured in several different operating
modes, for example, to provide a unipolar output and in
four quadrant multiplication in bipolar mode. Note that a
matching switch is used in series with the internal RFB
feedback resistor. If users attempt to measure RFB, power
must be applied to VDD to achieve continuity.
SERIAL INTERFACE
The AD5450/AD5451/AD5452/AD5453 have an easy to
use 3-wire interface which is compatible with SPI/QSPI/
MicroWire and DSP interface standards. Data is written
to the device in 16 bit words. This 16-bit word consists of
2 control bits and either 8, 10 12, or 14 data bits as shown
in Figure 2. The AD5453 uses all 14 bits of DAC data.
The AD5452 uses twelve bits and ignores the two LSBs,
similarly the AD5451 uses ten bits and ignores the four
LSBs, while the
AD5450 uses eight bits and ignores the
last six bits.
DAC Control Bits C1, C0
Control bits C1 and C0 the user to load and update the
new DAC code and to change the active clock edge. By
default the shift register clocks data in on the falling edge,
this can be changed via the control bits. In this case, the
DAC core is inoperative until the next data frame. A
power cycle resets this back to default condition.
On chip power on reset circuitry ensures the device
powers on with zeroscale loaded to the DAC register and
IOUT line.
TABLE III. DAC CONTROL BITS
C1
C0
Funtion Implemented
0
0
Load and Update(Power On Default)
0
1
Reserved
1
0
Reserved
1
1
Clock Data to shift register On Rising Edge
SYNC
SYNC
SYNC
SYNC
SYNC Function
SYNC is an edge-triggered input that acts as a frame
synchronization signal and chip enable. Data can only be
transferred into the device while
SYNC is low. To start
the serial data transfer,
SYNC should be taken low ob-
serving the minimum
SYNC falling to SCLK falling
edge setup time, t4.
After the falling edge of the 16th SCLK pulse, bring
SYNC high to transfer data from the input shift register to
the DAC register.
Figure 2b. AD5451 10 bit Input Shift Register Contents
Figure 2c. AD5452 12 bit Input Shift Register Contents
DB0 (LSB)
DB15 (MSB)
DATA BITS
C1
C0
XX
X
X
CONTROL BITS
DB7 DB6 DB5 DB4
DB3 DB2
DB0
DB1
XX
Figure 2a. AD5450 8 bit Input Shift Register Contents
DB0 (LSB)
DB15 (MSB)
XX
DATA BITS
CONTROL BITS
DB5 DB4
DB3 DB2
DB0
DB1
C1
C0
DB7 DB6
DB8
DB9
XX
DB0 (LSB)
DB15 (MSB)
DATA BITS
CONTROL BITS
DB7 DB6 DB5 DB4
DB3 DB2
DB0
DB1
C1
C0
DB11 DB10
DB8
DB9
X
X
DB0 (LSB)
DB15 (MSB)
DATA BITS
CONTROL BITS
DB9 DB8 DB7 DB6
DB5 DB4
DB2
DB3
C1
C0
DB13 DB12
DB10
DB11
DB0
DB1
Figure 2c. AD5453 14 bit Input Shift Register Contents



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com