Electronic Components Datasheet Search
  English  ▼

X  

AD5451 Datasheet(PDF) 15 Page - Analog Devices

Part # AD5451
Description  8/10/12/14-Bit High Bandwidth Multiplying DACs with Serial Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5451 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD5451 Datasheet HTML 8Page - Analog Devices AD5451 Datasheet HTML 9Page - Analog Devices AD5451 Datasheet HTML 10Page - Analog Devices AD5451 Datasheet HTML 11Page - Analog Devices AD5451 Datasheet HTML 12Page - Analog Devices AD5451 Datasheet HTML 13Page - Analog Devices AD5451 Datasheet HTML 14Page - Analog Devices AD5451 Datasheet HTML 15Page - Analog Devices AD5451 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
AD5450/AD5451/AD5452/AD5453
–15–
REV. PrD
PRELIMINARY TECHNICAL DATA
at the VREF node (voltage output node in this application)
of the DAC. This is done by using low inputs capacitance
buffer amplifiers and careful board design.
Most single supply circuits include ground as part of the
analog signal range, which in turns requires an
ampliferthat can handle rail to rail signals, there is a large
range of single supply amplifiers available from Analog
Devices.
PCB LAYOUT AND POWER SUPPLY DECOUPLING
In any circuit where accuracy is important, careful
consideration of the power supply and ground return
layout helps to ensure the rated performance. The printed
circuit board on which the AD5426/AD5432/AD5443 is
mounted should be designed so that the analog and digital
sections are separated, and cofined to certain areas of the
board. If the DAC is in a system where multiple devices
require an AGND-to-DGND connection, the connection
should be made at one point only. The star ground point
should be established as close as possible to the device.
These DACs should have ample supply bypassing of 10
µF in parallel with 0.1 µF on the supply located as close
to the package as possible, ideally right up against the
device. The 0.1 µF capacitor should have low Effective
Series Resistance (ESR) and Effective Series Inductance
(ESI), like the common ceramic types that provide a low
impedance path to ground at high frequencies, to handle
transient currents due to internal logic switching. Low
ESR 1 µF to 10 µF tantalum or electrolytic capacitors
should also be applied at the supplies to minimize
transient disturbance and filter out low frequency ripple.
Fast switching signals such as clocks should be shielded
with digital ground to avoid radiating noise to other parts
of the board, and should never be run near the reference
inputs.
Avoid crossover of digital and analog signals. Traces on
opposite sides of the board should run at right angles to
each other. This reduces the effects of feedthrough
through the board. A microstrip technique is by far the
best, but not always possible with a doublesided board. In
this technique, the component side of the board is
dedicated to ground plane while signal traces are placed
on the solder side.
It is good practice to employ compact, minimum lead
length PCB layout design. Leads to the input should be as
short as possible to minimize IR drops and stray
inductance.
The PCB metal traces between VREF and RFB should also
be matched to minimize gain error. To maximize on high
frequency performance, the I-to-V amplifier should be
located as close to the device as possible.
Table IV. Listing of suitable ADI Precision References recommended for use with AD5450/1/2/3 DACs.
Reference
Output Voltage
Initial Tolerance
Temperature Drift
0.1Hz to 10Hz noise
Package
ADR01
10 V
0.1%
3ppm/
o C20
µVp-p
SC70, TSOT, SOIC
ADR02
5 V
0.1%
3ppm/
o C10
µVp-p
SC70, TSOT, SOIC
ADR03
2.5 V
0.2%
3ppm/
o C10
µVp-p
SC70, TSOT, SOIC
ADR425
5 V
0.04%
3ppm/
o C
3.4
µVp-p
MSOP, SOIC
Table V. Listing of some precision ADI Op Amps suitable for use with AD5450/1/2/3 DACs.
Part #
Max Supply Voltage V
V OS(max)
µµµµµVI
B(max) nA
GBP MHz
Slew Rate V/
µµµµµst
SETTLE with
AD5453
OP97
±
20
25
0.1
0.9
0.2
OP1177 ±18
60
2
1.3
0.7
AD8551 ± 6
5
0.05
1.5
0.4
Table VI. Listing of some High Speed ADI Op Amps suitable for use with AD5450/1/2/3 DACs.
Part #
Max Supply Voltage V
BW @ ACL MHz
Slew Rate V/
µµµµµst
SETTLE with
AD5453
V OS(max)
µµµµµVI
B(max) nA
AD8065 ±12
145
180
1500
0.01
AD8021 ±12
200
100
1000
1000
AD8038 ± 5
350
425
3000
0.75
AD9631 ± 5
320
1300
10000
7000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com