Electronic Components Datasheet Search
  English  ▼

X  

PI2211 Datasheet(PDF) 7 Page - Vicor Corporation

Part # PI2211
Description  Programmable inrush current limiting
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2211 Datasheet(HTML) 7 Page - Vicor Corporation

Back Button PI2211 Datasheet HTML 3Page - Vicor Corporation PI2211 Datasheet HTML 4Page - Vicor Corporation PI2211 Datasheet HTML 5Page - Vicor Corporation PI2211 Datasheet HTML 6Page - Vicor Corporation PI2211 Datasheet HTML 7Page - Vicor Corporation PI2211 Datasheet HTML 8Page - Vicor Corporation PI2211 Datasheet HTML 9Page - Vicor Corporation PI2211 Datasheet HTML 10Page - Vicor Corporation PI2211 Datasheet HTML 11Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image

Picor Corporation · picorpower.com
PI2211
Rev 1.1, Page 7 of 26
PI2211

Electrical Specifications
Unless otherwise specified: -40C < TJ < 125C, BUS = 4.5 to 14 Volts (No Auxiliary Supply at VCC), BUS = 0.9 to 4.5 Volts ( 3.8 V < VCC
< VCC Clamp). RACC = 20.0k
Parameter
Min
Typ
Max
Units
Conditions
Power Good (PWRGD)
PWRGD Voltage (Output De-asserted)
0.4
V
@5mA
PWRGD Current (Output Asserted)
0
2
uA
@ V = 14 Volts, VBUS = 0.9 to 14
Volts
PWRGD Current (Output Asserted)
0
2
uA
@ V= 0.9 Volts, VBUS=0.9 to 14
Volts
PWRGD during Power Up (GDR Off)
0.4
V
@ 2 mA
VGS CLDT Event to PWRGD High Prop Delay
1
us
VGS CLET Event to PWRGD Low Prop Delay
1
us
Timer
Rtimer Resistance Range
1
20
k
Resistance at Timer Pin. RACC
resistor 20 K.
Rtimer to Time Conversion Factor
5
ms / k
RACC resistor 20 K.
Hot Swap Initialization Time
5
100
ms
RACC resistor 20 K.
Hot Swap Initialization Time Error
-25
25
%
RTimer resistor 1.25 K to 20 K.
Thermal Resistance
RθJ-A
46
°C/W
TAB connected to copper PCB trace.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com