Electronic Components Datasheet Search
  English  ▼

X  

PI2211 Datasheet(PDF) 14 Page - Vicor Corporation

Part # PI2211
Description  Programmable inrush current limiting
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2211 Datasheet(HTML) 14 Page - Vicor Corporation

Back Button PI2211 Datasheet HTML 10Page - Vicor Corporation PI2211 Datasheet HTML 11Page - Vicor Corporation PI2211 Datasheet HTML 12Page - Vicor Corporation PI2211 Datasheet HTML 13Page - Vicor Corporation PI2211 Datasheet HTML 14Page - Vicor Corporation PI2211 Datasheet HTML 15Page - Vicor Corporation PI2211 Datasheet HTML 16Page - Vicor Corporation PI2211 Datasheet HTML 17Page - Vicor Corporation PI2211 Datasheet HTML 18Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image

Picor Corporation · picorpower.com
PI2211
Rev 1.1, Page 14 of 26
PI2211

Figure 11 - Start-up, Over-Current, and SOA shut-down waveforms.
The MOSFET is held off for 200us before attempting to re-
start. Again, the MOSFET will be regulated to the start-up
current level, but now turns off due to an SOA shut-down.
The True-SOA™ protection has determined that the junction
temperature of the MOSFET has risen by 60°C and has shut it
down to cool. When the SOA monitoring has determined that
the junction temperature has dropped by 39°C the MOSFET
will again turn on. The 39°C thermal cycling range will
continue for a total of 16 pulses before the range is extended
to 57°C, where the thermal cycling will go on indefinitely until
the low impedance load is removed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com