Electronic Components Datasheet Search
  English  ▼

X  

PI2211 Datasheet(PDF) 20 Page - Vicor Corporation

Part # PI2211
Description  Programmable inrush current limiting
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2211 Datasheet(HTML) 20 Page - Vicor Corporation

Back Button PI2211 Datasheet HTML 16Page - Vicor Corporation PI2211 Datasheet HTML 17Page - Vicor Corporation PI2211 Datasheet HTML 18Page - Vicor Corporation PI2211 Datasheet HTML 19Page - Vicor Corporation PI2211 Datasheet HTML 20Page - Vicor Corporation PI2211 Datasheet HTML 21Page - Vicor Corporation PI2211 Datasheet HTML 22Page - Vicor Corporation PI2211 Datasheet HTML 23Page - Vicor Corporation PI2211 Datasheet HTML 24Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image

Picor Corporation · picorpower.com
PI2211
Rev 1.1, Page 20 of 26
PI2211

the difference between the max junction and the max
ambient temperatures is ΔTUSER .
The additional terms for temperature rise and case-to-
ambient ratios will scale the RSOAS resistor value, allowing
for the fine tuning of the PI2211 digital model to the MOSFET.
For example, if the steady-state RθC-A of the MOSFET is less
than the default 60°C/W of the model, the value of RSOAS
would be scaled down by this ratio. This would make the
value of the sense resistor appear to be larger to the PI2211.
For a given voltage drop across the sense resistor, a larger
sense resistor value would mean less apparent current
flowing through it and therefore the calculated power across
the MOSFET is less. By scaling the apparent power a wide
range of MOSFETs can be accurately emulated by the digital
thermal model.
Similarly, if the user has a lower ΔT than the default, the net
result is that the value of the sense resistor appears to be
lower, therefore the current flowing through it appears to be
greater to the SOA model and it will calculate more power
across the MOSFET.
The scaled value of current used to determine RSOAS is used to
calculate the power across the MOSFET when calculating TauP
and in determining the value of RSOAT.
RSOAT , RSOAR
The PI2211 thermal model has a default case-to-ambient
thermal impedance of 60°C/W, and a Tau of 2 seconds. The
junction-to-case
thermal
impedance
and
TauP
are
programmed by the RSOAT and RSOAR resistors. These can have
a maximum value of 20.0k and a minimum value of 1.30k.
RSOAR programs the PI2211 with the junction-to-case (RθJ-C)
thermal impedance of the selected MOSFET. The ratio of the
internal RθC-A (60°C/W) and the user's RθC-A is used to scale
the MOSFET RθJ-C in order to maintain the correct RθJ-C to RθC-
A ratio.
[
]
Where; 0.38 °C/(W∙k) is the SOAR to RθJ-C scaling factor,
the default case-to-ambient, RθCA-DEFAULT, is 60°C/W,
RθJA-USER is the steady-state junction-to-ambient value
of the MOSFET, taken from the manufacturer's
datasheet,
RθJC-USER is the maximum junction-to-case value of the
MOSFET, taken from the manufacturer's datasheet.
RSOAT programs the PI2211 with the TauP (time constant) of
the MOSFET RθJ-C and its value can be calculated after first
determining the pulse width that will cause a 60°C
temperature rise of the MOSFET junction. This can typically
be done using RθJ-C transient thermal impedance curves
provided by the FET manufacturer.
The power used for determining the pulse width is the
product of the BUS voltage and the start-up current.
Multiplying this power by RθJ-C results in a temperature rise.
Setting the maximum temperature rise to 60°C for the same
power means that the RθJ-C will have to be scaled down. Using
this scaling factor and the RθJ-C thermal impedance curves for
a single pulse, the pulse width can determined. An example
of normalized RθJ-C thermal impedance curves is shown in
Figure 16.
Figure 16 - Determining the pulse width.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com