Electronic Components Datasheet Search
  English  ▼

X  

PI2211 Datasheet(PDF) 16 Page - Vicor Corporation

Part # PI2211
Description  Programmable inrush current limiting
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2211 Datasheet(HTML) 16 Page - Vicor Corporation

Back Button PI2211 Datasheet HTML 12Page - Vicor Corporation PI2211 Datasheet HTML 13Page - Vicor Corporation PI2211 Datasheet HTML 14Page - Vicor Corporation PI2211 Datasheet HTML 15Page - Vicor Corporation PI2211 Datasheet HTML 16Page - Vicor Corporation PI2211 Datasheet HTML 17Page - Vicor Corporation PI2211 Datasheet HTML 18Page - Vicor Corporation PI2211 Datasheet HTML 19Page - Vicor Corporation PI2211 Datasheet HTML 20Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image

Picor Corporation · picorpower.com
PI2211
Rev 1.1, Page 16 of 26
PI2211

PI2211: Recommended Design Steps
There are two options to designing a hot swap solution with the PI2211:
Utilize PICOR's PI2211 reference design with pre-selected components
Follow PICOR's design guidelines and use the "Picor Calculator Tool" available from Picor's website
Either of these approaches will yield a suitable and reliable hot swap design solution.
PICOR PI2211 Reference Design:
Figure 13 - Final Design Schematic
For this design example we'll define our system requirements as follows:
Nominal BUS voltage (VBUS) = 12V
High BUS voltage where controller must be enabled (VBUSHIGH) = 12.5V
Low BUS voltage where controller must be enabled (VBUSLOW) = 11.5V
Maximum Operating Current (IMAX) = 10A
Circuit Breaker Threshold (ICB) = 13A
Hot-Swap Efficiency > 99%
Schottky Diode is 40V, 1A; required to protect the SCR pin from negative voltage transients that can damage the controller.
The 100Ω series resistor is used to limit current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com