Electronic Components Datasheet Search
  English  ▼

X  

PI2211 Datasheet(PDF) 22 Page - Vicor Corporation

Part # PI2211
Description  Programmable inrush current limiting
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2211 Datasheet(HTML) 22 Page - Vicor Corporation

Back Button PI2211 Datasheet HTML 18Page - Vicor Corporation PI2211 Datasheet HTML 19Page - Vicor Corporation PI2211 Datasheet HTML 20Page - Vicor Corporation PI2211 Datasheet HTML 21Page - Vicor Corporation PI2211 Datasheet HTML 22Page - Vicor Corporation PI2211 Datasheet HTML 23Page - Vicor Corporation PI2211 Datasheet HTML 24Page - Vicor Corporation PI2211 Datasheet HTML 25Page - Vicor Corporation PI2211 Datasheet HTML 26Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image

Picor Corporation · picorpower.com
PI2211
Rev 1.1, Page 22 of 26
PI2211

Once the max and min BUS voltage has been selected,
plugging their values into these three equations will provide
the resistance ratios of the three resistors.
Optional: Max Load Capacitance
Knowing the duration of the power pulse, the user can
calculate the available energy during start-up. Knowing this
energy, a rough calculation of the amount of load capacitance
that can be charged during the initial start-up pulse can be
calculated. This calculation takes no tolerances into account.
The energy provided to the load during an SOA pulse is:
When charging the capacitive load, the required energy peaks
at the start of the charging and reduces to zero when the
charging is complete. If the energy calculated during the SOA
pulse is considered to be the average current, then the peak
energy is twice this amount. The capacitive load can be
calculated as:
PI2211 Design Calculator
The PI2211 component calculator program is designed to calculate the required programming resistors of the PI2211 controller;
requiring the designed to enter just a few key thermal MOSFET parameters taken from the manufacturer’s datasheet. It is capable of
calculating both an under-voltage/over-voltage divider as well as a current sense divider. It can also derive a usable pulse width
when a MOSFET's RθJ-C curves are not given. Please read the PI2211 Component Calculator user guide for instructions on use and
available features.
Figure 18 - PICOR's Windows™ based PI2211 Design Calculator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com