Electronic Components Datasheet Search
  English  ▼

X  

PI2211 Datasheet(PDF) 6 Page - Vicor Corporation

Part # PI2211
Description  Programmable inrush current limiting
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2211 Datasheet(HTML) 6 Page - Vicor Corporation

Back Button PI2211 Datasheet HTML 2Page - Vicor Corporation PI2211 Datasheet HTML 3Page - Vicor Corporation PI2211 Datasheet HTML 4Page - Vicor Corporation PI2211 Datasheet HTML 5Page - Vicor Corporation PI2211 Datasheet HTML 6Page - Vicor Corporation PI2211 Datasheet HTML 7Page - Vicor Corporation PI2211 Datasheet HTML 8Page - Vicor Corporation PI2211 Datasheet HTML 9Page - Vicor Corporation PI2211 Datasheet HTML 10Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image

Picor Corporation · picorpower.com
PI2211
Rev 1.1, Page 6 of 26
PI2211

Electrical Specifications
Unless otherwise specified: -40C < TJ < 125C, BUS = 4.5 to 14 Volts (No Auxiliary Supply at VCC), BUS = 0.9 to 4.5 Volts ( 4.2 V < VCC
< VCC Clamp). RACC = 20.0k
Parameter
Min
Typ
Max
Units
Conditions
SOA
Differential Current Sense Level Range for SOA (CSP
to CSN)
0
80
mV
SOAS
SOAS Current Scaling Factor (RSENSE * RSOAS )
10
Ω
2
This is the means to scale current for
SOA.
RSOAS Resistor Range
(SOA Note 1)
1
20
kΩ
RACC resistor 20 K.
VDS range (CSN to SRC), Active SOA
VDS min
VBUS
V
Minimum VDS Sense Level to enable SOA Shutdown
23
33
mV
Below this level SOA shutdown is
disabled.
SOAR
Rthjc Range
0.38
7.5
oC/W
Range for exposed pad MOSFETs
SOAR to Rthjc Conversion Factor
0.38
oC/(W∙kΩ) RACC resistor 20 K.
RSOAR Resistor Range
(SOA Note 1)
1
20
kΩ
RACC resistor 20 K.
Rthca
60
60
60
oC/W
Value Fixed Digitally
SOA Shaper 2 Input Range (VDS * I * Rthca),
4800
Units
One unit = 1 V * 1 A *1
oC/W, SOA Note
1
SOA Update Rate (Time from A/D Acquisition of VDS
& I to Update of Digital Filter)
13.5
15
16.5
us
Includes all A/D conversions, and all
multiplications.
SOAT
SOA Shaper 1: Tau p Range
0.96
19.27
ms
SOA Note 2
SOAT to Tau p Conversion Factor
19.27
kΩ ∙ ms
RACC resistor 20 K.
RSOAT Resistor Range
1.3
20
kΩ
SOA Shaper 1: (Tau z / Tau p) Ratio
1/8
1/8
1/8
SOA Note 2
SOA Shaper 2: Tau
1.8
2
2.2
sec
SOA Note 2
A/D Anti-Aliasing Filter 3 dB
3.3
13
KHz
GBD – Not tested in production
SOA Comparator Input Resolution
1.19
°C
SOA Comparator Hi Threshold
60
°C
All SOA cycles
SOA Comparator Lo Threshold
21
°C
First 16 SOA cycles.
SOA Comparator Lo Threshold
3
°C
Beyond 16 SOA cycles.
SOA Note 1: Recommended minimum resistor value is 1.30k
SOA Note 2: SOA Shaper 1 has a function that is represented by a normalized step response of the form:
[
]
SOA Shaper 2 is represented by a normalized step response of the form:
See "Junction to Case Thermal Response" section for further details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com