Electronic Components Datasheet Search
  English  ▼

X  

PI2211 Datasheet(PDF) 9 Page - Vicor Corporation

Part # PI2211
Description  Programmable inrush current limiting
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2211 Datasheet(HTML) 9 Page - Vicor Corporation

Back Button PI2211 Datasheet HTML 5Page - Vicor Corporation PI2211 Datasheet HTML 6Page - Vicor Corporation PI2211 Datasheet HTML 7Page - Vicor Corporation PI2211 Datasheet HTML 8Page - Vicor Corporation PI2211 Datasheet HTML 9Page - Vicor Corporation PI2211 Datasheet HTML 10Page - Vicor Corporation PI2211 Datasheet HTML 11Page - Vicor Corporation PI2211 Datasheet HTML 12Page - Vicor Corporation PI2211 Datasheet HTML 13Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image

Picor Corporation · picorpower.com
PI2211
Rev 1.1, Page 9 of 26
PI2211

PI2211 Application/Theory of Operation
Maintaining a MOSFET within its SOA boundary:
The PI2211 has a programmable digital model of a MOSFET
thermal response to transient and static loads that it uses to
predict a junction temperature rise, as a function of power,
for a given MOSFET. The equivalent analog model is shown in
Figure 2. It consists of two RC stages to emulate the total
thermal equivalent of the junction-to-case and case-to-
ambient characteristics of the MOSFET and its package. In the
model, the case-to-ambient characteristics are fixed while the
junction-to-case can be tuned to match the published data
for a specific MOSFET by two programming resistors; RSOAT
and RSOAR.
Figure 2 - Simplified representation of the PI2211 thermal
model.
The RSOAT resistor controls the time constant (TauP) of the SOA
junction-to-case model. This resistor programs the model to
adhere to the manufacturer’s transient thermal impedance
graph of the junction-to-case response to "single pulse"
power changes, as well as the extended SOA curves beyond
the DC area limit.
This instantaneous power calculation
refreshes in less than 50µs and predicts junction temperature
rise within the 1ms extended SOA MOSFET curves so the
PI2211 will protect the MOSFET from prolonged heating with
excessive static loads and hot-spotting from transient loads.
The RSOAR resistor programs the model with the RJ-C of the
MOSFET. Scaled by the ratio of the junction-to-case/case-to-
ambient thermal impedances (RJ-C/RC-A), referenced to the
fixed internal 60°C/W RC-A of the PI2211.
The RSOAS resistor programs the magnitude of the calculated
current through the MOSFET and the power it is dissipating.
All three of these resistors have a maximum value 20kΩ and a
1.30kΩ minimum value. Values outside of these ranges will
not stop the PI2211 from working, but will force the internal
references to either their minimum or maximum values. See
the Recommended Design Steps section for more details on
calculating the required SOA programming resistors.
Figure 3 - The range of PI2211 RθJ-C thermal impedance adjustment at 1W.
0.01
0.1
1
10
1E-05
0.0001
0.001
0.01
0.1
Time
.5°C/W, Tau = 1ms
.5°C/W, Tau = 15ms
7.5°C/W, Tau = 1ms
7.5°C/W, Tau = 15ms
RθJ-C =
0.5°C/W
Tau= 15ms
Tau= 15ms
Tau= 1ms
Tau= 1ms
RθJ-C =
7.5°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com