Electronic Components Datasheet Search
  English  ▼

X  

SIC620 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SIC620
Description  60 A VRPower Integrated Power Stage
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC620 Datasheet(HTML) 5 Page - Vishay Siliconix

  SIC620 Datasheet HTML 1Page - Vishay Siliconix SIC620 Datasheet HTML 2Page - Vishay Siliconix SIC620 Datasheet HTML 3Page - Vishay Siliconix SIC620 Datasheet HTML 4Page - Vishay Siliconix SIC620 Datasheet HTML 5Page - Vishay Siliconix SIC620 Datasheet HTML 6Page - Vishay Siliconix SIC620 Datasheet HTML 7Page - Vishay Siliconix SIC620 Datasheet HTML 8Page - Vishay Siliconix SIC620 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
SiC620, SiC620A
www.vishay.com
Vishay Siliconix
S14-2385-Rev. E, 08-Dec-14
5
Document Number: 62922
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Typical limits are established by characterization and are not production tested.
(2) Guaranteed by design.
DETAILED OPERATIONAL DESCRIPTION
PWM Input with Tri-state Function
The PWM input receives the PWM control signal from the VR
controller IC. The PWM input is designed to be compatible
with standard controllers using two state logic (H and L) and
advanced controllers that incorporate tri-state logic (H, L
and tri-state) on the PWM output. For two state logic, the
PWM input operates as follows. When PWM is driven above
VPWM_TH_R the low-side is turned on and the high-side is
turned on. When PWM input is driven below VPWM_TH_F the
high-side is turned OFF and the low-side is turned ON. For
tri-state logic, the PWM input operates as previously stated
for driving the MOSFETs. However, there is an third state
that is entered as the PWM output of tri-state compatible
controller enters its high impedance state during shut-down.
The high impedance state of the controller’s PWM output
allows the SiC620 and SiC620A to pull the PWM input into
the tri-state region (see PWM Timing Diagram). If the PWM
input stays in this region for the tri-state hold-off period,
tTSHO, both high-side and low-side MOSFETs are turned
OFF. This function allows the VR phase to be disabled
without negative output voltage swing caused by inductor
ringing and saves a Schottky diode clamp. The PWM and
tri-state regions are separated by hysteresis to prevent false
triggering.
The
SiC620A
incorporates
PWM
voltage
thresholds that are compatible with 3.3 V logic and the
SiC620 thresholds are compatible with 5 V logic.
Disable (DSBL#)
In the low state, the DSBL# pin shuts down the driver IC and
disables both high-side and low-side MOSFETs. In this
state, standby current is minimized. If DSBL# is left
unconnected, an internal pull-down resistor will pull the pin
to CGND and shut down the IC.
Diode Emulation Mode (ZCD_EN#)
When ZCD_EN# pin is logic Low and PWM signal switches
Low, GL is forced on (after normal BBM time). During this
time, it is under control of the ZCD (zero crossing detect)
comparator. If, after the internal blanking delay, the inductor
current becomes zero, the low-side is turned off. This
improves light load efficiency by avoiding discharge of
output capacitors. If PWM enters tri-state, then device will
go into normal tri-state mode after tri-state delay. The GL
output will be turned off regardless of Inductor current, this
is an alternative method of improving light load efficiency by
reducing switching losses.
Thermal Shutdown Warning (THWn)
The THWn pin is an open drain signal that flags the presence
of
excessive
junction
temperature.
Connect
with
a
maximum of 20 k
Ω, to VCIN. An internal temperature sensor
detects
the
junction
temperature.
The
temperature
threshold is 160 °C. When this junction temperature is
exceeded the THWn flag is set. When the junction
temperature drops below 135 °C the device will clear the
THWn signal. The SiC620 and SiC620A do not stop
operation when the flag is set. The decision to shutdown
must be made by an external thermal control function.
Voltage Input (VIN)
This is the power input to the drain of the high-side power
MOSFET. This pin is connected to the high power
intermediate BUS rail.
DSBL# ZCD_EN# INPUT
DSBL# Logic Input Voltage
VIH_DSBL#
Input logic high
2
-
-
V
VIL_DSBL#
Input logic low
-
-
0.8
ZCD_EN# Logic Input Voltage
VIH_ZCD_EN#
Input logic high
2
-
-
VIL_ZCD_EN#
Input logic low
-
-
0.8
PROTECTION
Under Voltage Lockout
VUVLO
VCIN rising, on threshold
-
3.7
4.1
V
VCIN falling, off threshold
2.7
3.1
-
Under Voltage Lockout Hysteresis
VUVLO_HYST
-
575
-
mV
THWn Flag Set (2)
TTHWn_SET
-
160
-
°C
THWn Flag Clear (2)
TTHWn_CLEAR
-
135
-
THWn Flag Hysteresis (2)
TTHWn_HYST
-25-
THWn Output Low
VOL_THWn
ITHWn = 2 mA
-
0.02
-
V
ELECTRICAL SPECIFICATIONS
(DSBL# = ZCD_EN# = 5 V, VIN = 12 V, VDRV and VCIN = 5 V, TA = 25 °C)
PARAMETER
SYMBOL
TEST CONDITION
LIMITS
UNIT
MIN.
TYP.
MAX.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com