Electronic Components Datasheet Search
  English  ▼

X  

SIC620 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SIC620
Description  60 A VRPower Integrated Power Stage
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC620 Datasheet(HTML) 1 Page - Vishay Siliconix

  SIC620 Datasheet HTML 1Page - Vishay Siliconix SIC620 Datasheet HTML 2Page - Vishay Siliconix SIC620 Datasheet HTML 3Page - Vishay Siliconix SIC620 Datasheet HTML 4Page - Vishay Siliconix SIC620 Datasheet HTML 5Page - Vishay Siliconix SIC620 Datasheet HTML 6Page - Vishay Siliconix SIC620 Datasheet HTML 7Page - Vishay Siliconix SIC620 Datasheet HTML 8Page - Vishay Siliconix SIC620 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
SiC620, SiC620A
www.vishay.com
Vishay Siliconix
S14-2385-Rev. E, 08-Dec-14
1
Document Number: 62922
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
60 A VRPower® Integrated Power Stage
DESCRIPTION
The SiC620 and SiC620A are integrated power stage
solutions optimized for synchronous buck applications to
offer high current, high efficiency, and high power density
performance. Packaged in Vishay’s proprietary 5 mm x 5 mm
MLP package, SiC620 and SiC620A enables voltage
regulator designs to deliver up to 60 A continuous current
per phase.
The
internal
power
MOSFETs
utilizes
Vishay’s
state-of-the-art Gen IV TrenchFET technology that delivers
industry benchmark performance to significantly reduce
switching and conduction losses.
The SiC620 and SiC620A incorporates an advanced
MOSFET gate driver IC that features high current driving
capability, adaptive dead-time control, an integrated
bootstrap Schottky diode, a thermal warning (THWn) that
alerts the system of excessive junction temperature, and
zero current detect to improve light load efficiency. The
drivers are also compatible with a wide range of PWM
controllers and supports tri-state PWM, 3.3 V (SiC620A) /
5 V (SiC620) PWM logic.
FEATURES
• Thermally enhanced PowerPAK® MLP55-31L
package
• Vishay’s Gen IV MOSFET technology and a
low-side MOSFET with integrated Schottky
diode
• Delivers up to 60 A continuous current
• 95 % peak efficiency
• High frequency operation up to 1.5 MHz
• Power MOSFETs optimized for 12 V input stage
• 3.3 V (SiC620A) / 5 V (SiC620) PWM logic with tri-state and
hold-off
• Zero current detect control for light load efficiency
improvement
• Low PWM propagation delay (< 20 ns)
• Thermal monitor flag
• Under voltage lockout for VCIN
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Multi-phase VRDs for CPU, GPU, and memory
TYPICAL APPLICATION DIAGRAM
Fig. 1 - SiC620 and SiC620A Typical Application Diagram
PWM
controller
Gate
driver
5V
VIN
VOUT
VCIN
ZCD_EN#
DSBL#
PWM
THWn
BOOT
VSWH
PHASE


Similar Part No. - SIC620

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC620 VISHAY-SIC620 Datasheet
322Kb / 19P
60 A VRPower® Integrated Power Stage
29-Jun-2020
SIC620A VISHAY-SIC620A Datasheet
322Kb / 19P
60 A VRPower® Integrated Power Stage
29-Jun-2020
SIC620ACD-T1-GE3 VISHAY-SIC620ACD-T1-GE3 Datasheet
322Kb / 19P
60 A VRPower® Integrated Power Stage
29-Jun-2020
SiC620AR VISHAY-SiC620AR Datasheet
322Kb / 18P
60 A VRPower Integrated Power Stage
03-Nov-14
SIC620AR VISHAY-SIC620AR Datasheet
297Kb / 19P
60 A VRPower® Integrated Power Stage
29-Jun-2020
More results

Similar Description - SIC620

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC530 VISHAY-SIC530 Datasheet
378Kb / 17P
30 A VRPower Integrated Power Stage
02-Nov-15
SIC531 VISHAY-SIC531 Datasheet
356Kb / 17P
30 A VRPower Integrated Power Stage
30-Nov-15
SIC532 VISHAY-SIC532 Datasheet
368Kb / 17P
30 A VRPower Integrated Power Stage
23-Nov-15
SIC631 VISHAY-SIC631 Datasheet
316Kb / 18P
50 A VRPower Integrated Power Stage
27-Jun-16
SIC632 VISHAY-SIC632 Datasheet
322Kb / 19P
50 A VRPower Integrated Power Stage
30-Nov-15
SIC521 VISHAY-SIC521 Datasheet
365Kb / 16P
30 A VRPower® Integrated Power Stage
09-Feb-15
SIC533 VISHAY-SIC533 Datasheet
361Kb / 17P
35 A VRPower® Integrated Power Stage
14-Nov-16
SIC534 VISHAY-SIC534 Datasheet
368Kb / 17P
30 A VRPower® Integrated Power Stage
10-Oct-16
SIC620R VISHAY-SIC620R Datasheet
322Kb / 18P
60 A VRPower Integrated Power Stage
03-Nov-14
SIC789 VISHAY-SIC789 Datasheet
310Kb / 19P
60 A VRPower® Integrated Power Stage
08-Dec-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com