Electronic Components Datasheet Search
  English  ▼

X  

SIC620 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # SIC620
Description  60 A VRPower Integrated Power Stage
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC620 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button SIC620 Datasheet HTML 2Page - Vishay Siliconix SIC620 Datasheet HTML 3Page - Vishay Siliconix SIC620 Datasheet HTML 4Page - Vishay Siliconix SIC620 Datasheet HTML 5Page - Vishay Siliconix SIC620 Datasheet HTML 6Page - Vishay Siliconix SIC620 Datasheet HTML 7Page - Vishay Siliconix SIC620 Datasheet HTML 8Page - Vishay Siliconix SIC620 Datasheet HTML 9Page - Vishay Siliconix SIC620 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
SiC620, SiC620A
www.vishay.com
Vishay Siliconix
S14-2385-Rev. E, 08-Dec-14
6
Document Number: 62922
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Switch Node (VSWH and PHASE)
The switch node, VSWH, is the circuit power stage output.
This is the output applied to the power inductor and output
filter to deliver the output for the buck converter. The PHASE
pin is internally connected to the switch node VSWH. This pin
is to be used exclusively as the return pin for the BOOT
capacitor. A 20 k
Ω resistor is connected between GH and
PHASE to provide a discharge path for the HS MOSFET in
the event that VCIN goes to zero while VIN is still applied.
Ground Connections (CGND and PGND)
PGND (power ground) should be externally connected
to CGND (control signal ground). The layout of the printed
circuit board should be such that the inductance separating
CGND and PGND is minimized. Transient differences due to
inductance effects between these two pins should not
exceed 0.5 V
Control and Drive Supply Voltage Input (VDRV, VCIN)
VCIN is the bias supply for the gate drive control IC. VDRV is
the bias supply for the gate drivers. It is recommended to
separate these pins through a resistor. This creates a low
pass filtering effect to avoid coupling of high frequency gate
drive noise into the IC.
Bootstrap Circuit (BOOT)
The internal bootstrap diode and an external bootstrap
capacitor form a charge pump that supplies voltage to the
BOOT pin. An integrated bootstrap diode is incorporated so
that only an external capacitor is necessary to complete the
bootstrap circuit. Connect a boot strap capacitor with one
leg tied to BOOT pin and the other tied to PHASE pin.
Shoot-Through Protection and Adaptive Dead Time
The SiC620 and SiC620A have an internal adaptive logic to
avoid shoot through and optimize dead time. The shoot
through protection ensures that both high-side and low-side
MOSFETs are not turned ON at the same time. The adaptive
dead time control operates as follows. The HS and LS gate
voltages are monitored to prevent the one turning ON from
tuning ON until the other's gate voltage is sufficiently low
(< 1 V). Built in delays also ensure that one power MOS is
completely OFF, before the other can be turned ON. This
feature helps to adjust dead time as gate transitions change
with respect to output current and temperature. Change
with respect to output current and temperature.
Under Voltage Lockout (UVLO)
During the start up cycle, the UVLO disables the gate
drive holding high-side and low-side MOSFET gates low
until the supply voltage rail has reached a point at which
the logic circuitry can be safely activated. The SiC620,
SiC620A also incorporates logic to clamp the gate drive
signals to zero when the UVLO falling edge triggers the
shutdown of the device. As an added precaution, a 20 k
Ω
resistor is connected between GH and PHASE to provide a
discharge path for the HS MOSFET.
FUNCTIONAL BLOCK DIAGRAM
Fig. 3 - SiC620 and SiC620A Functional Block Diagram
DISB#
20K
V
SWH
V
SWH
GL
+
-
GL
+
-
ZCD_EN#
Thermal monitor
& warning
UVLO
VCIN
PWM logic
control &
state
machine
Anti-cross
conduction
control
logic
BOOT
THWn
VIN
GH
PWM
CGND
VCIN
Vref = 1 V
Vref = 1 V
PGND
PHASE
VDRV
VDRV
PGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com