Electronic Components Datasheet Search
  English  ▼

X  

SIC620 Datasheet(PDF) 10 Page - Vishay Siliconix

Part # SIC620
Description  60 A VRPower Integrated Power Stage
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC620 Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button SIC620 Datasheet HTML 6Page - Vishay Siliconix SIC620 Datasheet HTML 7Page - Vishay Siliconix SIC620 Datasheet HTML 8Page - Vishay Siliconix SIC620 Datasheet HTML 9Page - Vishay Siliconix SIC620 Datasheet HTML 10Page - Vishay Siliconix SIC620 Datasheet HTML 11Page - Vishay Siliconix SIC620 Datasheet HTML 12Page - Vishay Siliconix SIC620 Datasheet HTML 13Page - Vishay Siliconix SIC620 Datasheet HTML 14Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
SiC620, SiC620A
www.vishay.com
Vishay Siliconix
S14-2385-Rev. E, 08-Dec-14
10
Document Number: 62922
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 18 - PWM Threshold vs. Temperature (SiC620A)
Fig. 19 - PWM Threshold vs. Temperature (SiC620)
Fig. 20 - DSBL# Threshold vs. Temperature
Fig. 21 - PWM Threshold vs. Driver Supply Voltage (SiC620A)
Fig. 22 - PWM Threshold vs. Driver Supply Voltage (SiC620)
Fig. 23 - ZCD_EN# Threshold vs. Driver Supply Voltage
0.40
0.75
1.10
1.45
1.80
2.15
2.50
2.85
3.20
-60
-40
-20
0
20
40
60
80
100 120 140
Temperature (
°C)
V
TRI_TH_R
V
TRI_TH_F
V
TRI
V
TH_PWM_R
V
TH_PWM_F
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
-60
-40
-20
0
20
40
60
80
100 120 140
Temperature (
°C)
V
TRI_TH_R
V
TRI_TH_F
V
TRI
V
TH_PWM_R
V
TH_PWM_F
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
-60
-40
-20
0
20
40
60
80
100 120 140
Temperature (
°C)
V
IL_DSBL#
V
IH_DSBL#
0.40
0.75
1.10
1.45
1.80
2.15
2.50
2.85
3.20
4.5
4.6
4.7
4.8
4.9
5.0
5.1
5.2
5.3
5.4
5.5
Driver Supply Voltage, V
CIN (V)
V
TH_PWM_F
V
TH_PWM_R
V
TRI_TH_F
V
TRI_TH_R
V
TRI
0
0.50
1.00
1.50
2.00
2.50
3.00
3.50
4.00
4.50
5.00
4.5
4.6
4.7
4.8
4.9
5.0
5.1
5.2
5.3
5.4
5.5
Driver Supply Voltage, V
CIN (V)
V
TH_PWM_F
V
TH_PWM_R
V
TRI_TH_F
V
TRI_TH_R
V
TRI
0.60
0.80
1.00
1.20
1.40
1.60
1.80
2.00
2.20
4.5
4.6
4.7
4.8
4.9
5.0
5.1
5.2
5.3
5.4
5.5
Driver Supply Voltage, V
CIN (V)
V
IH_ZCD_EN#_R
V
IL_ZCD_EN#_F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com