Electronic Components Datasheet Search
  English  ▼

X  

SIC620 Datasheet(PDF) 14 Page - Vishay Siliconix

Part # SIC620
Description  60 A VRPower Integrated Power Stage
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC620 Datasheet(HTML) 14 Page - Vishay Siliconix

Back Button SIC620 Datasheet HTML 10Page - Vishay Siliconix SIC620 Datasheet HTML 11Page - Vishay Siliconix SIC620 Datasheet HTML 12Page - Vishay Siliconix SIC620 Datasheet HTML 13Page - Vishay Siliconix SIC620 Datasheet HTML 14Page - Vishay Siliconix SIC620 Datasheet HTML 15Page - Vishay Siliconix SIC620 Datasheet HTML 16Page - Vishay Siliconix SIC620 Datasheet HTML 17Page - Vishay Siliconix SIC620 Datasheet HTML 18Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
SiC620, SiC620A
www.vishay.com
Vishay Siliconix
S14-2385-Rev. E, 08-Dec-14
14
Document Number: 62922
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Multi-Phases VRPower PCB Layout
Following is an example for 6 phase layout. As can be seen, all the VRPower stages are lined in X-direction compactly with
decoupling caps next to them. The inductors are placed as close as possible to the SiC620 and SiC620A to minimize the PCB
copper loss. Vias are applied on all PADs (VIN, PGND, CGND) of the SiC620 and SiC620A to ensure that both electrical and thermal
performance are excellent. Large copper planes are used for all the high current loops, such as VIN, VSWH, VOUT and PGND. These
copper planes are duplicated in other layers to minimize the inductance and resistance. All the control signals are routed from
the SiC620 and SiC620A to a controller placed to the north of the power stage through inner layers to avoid the overlap of high
current loops. This achieves a compact design with the output from the inductors feeding a load located to the south of the
design as shown in the figure.
Fig. 29 - Multi - Phase VRPower Layout Top View
Fig. 30 - Multi - Phase VRPower Layout Bottom View
VOUT
PGND
VIN
VIN
PGND
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com