Electronic Components Datasheet Search
  English  ▼

X  

SIC620 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # SIC620
Description  60 A VRPower Integrated Power Stage
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC620 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button SIC620 Datasheet HTML 3Page - Vishay Siliconix SIC620 Datasheet HTML 4Page - Vishay Siliconix SIC620 Datasheet HTML 5Page - Vishay Siliconix SIC620 Datasheet HTML 6Page - Vishay Siliconix SIC620 Datasheet HTML 7Page - Vishay Siliconix SIC620 Datasheet HTML 8Page - Vishay Siliconix SIC620 Datasheet HTML 9Page - Vishay Siliconix SIC620 Datasheet HTML 10Page - Vishay Siliconix SIC620 Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
SiC620, SiC620A
www.vishay.com
Vishay Siliconix
S14-2385-Rev. E, 08-Dec-14
7
Document Number: 62922
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PWM TIMING DIAGRAM
Fig. 4 - Definition of PWM Logic and Tri-state
DSBL# PROPAGATION DELAY
Fig. 5 - DSBL# Falling Propagation Delay
DEVICE TRUTH TABLE
DSBL#
ZCD_EN#
PWM
GH
GL
Open
X
X
L
L
LX
X
L
L
H
LLL
H, IL > 0 A
L, IL < 0 A
HLH
H
L
HL
Tri-state
L
L
HH
L
L
H
HHHH
L
HH
Tri-state
L
L
VTH_PWM_R
VTH_PWM_F
VTH_TRI_R
VTH_TRI_F
PWM
GH
GL
t PD_OFF_GL
t TSHO
t PD_ON_GH
t PD_OFF_GH
t PD_ON_GL
t TSHO
t PD_TRI_R
t PD_TRI_R
PWM
DSBL#
GH
GL
DSBL#Low to GH Falling Propagation Delay
t
DSBL# Low to GL Falling Propagation Delay
PWM
DSBL#
GH
GL
t
Disable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com