Electronic Components Datasheet Search
  English  ▼

X  

NSC800D Datasheet(PDF) 34 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # NSC800D
Description  NSC800TM High-Performance Low-Power CMOS Microprocessor
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

NSC800D Datasheet(HTML) 34 Page - National Semiconductor (TI)

Back Button NSC800D Datasheet HTML 30Page - National Semiconductor (TI) NSC800D Datasheet HTML 31Page - National Semiconductor (TI) NSC800D Datasheet HTML 32Page - National Semiconductor (TI) NSC800D Datasheet HTML 33Page - National Semiconductor (TI) NSC800D Datasheet HTML 34Page - National Semiconductor (TI) NSC800D Datasheet HTML 35Page - National Semiconductor (TI) NSC800D Datasheet HTML 36Page - National Semiconductor (TI) NSC800D Datasheet HTML 37Page - National Semiconductor (TI) NSC800D Datasheet HTML 38Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 76 page
background image
125 16-Bit Loads
REGISTER TO REGISTER
LD
rr nn
Load 16-bit register pair with immediate data
rr
w nn
No flags affected
76543210
LD BC nn
LD DE nn
00
rp
0001
LD HL nn
LD SP nn
n (low-order byte)
n (high-order byte)
Timing
M cycles3
T states10 (4 3 3)
Addressing Mode
SourceImmediate Extended
DestinationRegister
76
5
43210
LD IX nn (for NX e 0)
11NX 11101
LD IY nn (for NX e 1)
00
1
00001
n (low-order byte)
n (high-order byte)
Timing
M cycles4
T states14 (4 4 3 3)
Addressing Mode
SourceImmediate Extended
DestinationRegister
LD
SP ss
Load the SP from 16-bit register ss
SP
w ss
No flags affected
76543210
11111001
LD SP HL
Timing
M cycles1
T states6
Addressing Mode
SourceRegister
DestinationRegister (Implied)
76
5
43210
LD SP IX (for NX e 0)
11NX 11101
LD SP IY (for NX e 1)
11
1
11001
Timing
M cycles2
T states10 (4 6)
Addressing Mode
SourceRegister
DestinationRegister (Implied)
REGISTER TO MEMORY
LD
(nn) rr
Load memory location nn with contents of 16-bit register rr
(nn)
w rrL
No flags affected
(nn a 1)
w rrH
76543210
LD (nn) HL
(note an alternate
00100010
opcode below)
n (low-order byte)
n (high-order byte)
Timing
M cycles5
T states16 (4 3 3 3 3)
Addressing Mode
SourceRegister
DestinationDirect
76543210
LD (nn) BC
LD (nn) DE
11101101
LD (nn) HL
LD (nn) SP
01
rp
0011
n (low-order byte)
n (high-order byte)
Timing
M cycles6
T states20 (4 4 3 3 3 3)
Addressing Mode
SourceRegister
DestinationDirect
76
5
43210
LD (nn) IX (for NX e 0)
11NX 11101
LD (nn) IY (for NX e 1)
00
1
00010
n (low-order byte)
n (high-order byte)
Timing
M cycles6
T states20 (4 4 3 3 3 3)
Addressing Mode
SourceRegister
DestinationDirect
34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com