Electronic Components Datasheet Search
  English  ▼

X  

PCM1796DB Datasheet(PDF) 20 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # PCM1796DB
Description  24BIT 192 KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM1796DB Datasheet(HTML) 20 Page - Burr-Brown (TI)

Back Button PCM1796DB Datasheet HTML 16Page - Burr-Brown (TI) PCM1796DB Datasheet HTML 17Page - Burr-Brown (TI) PCM1796DB Datasheet HTML 18Page - Burr-Brown (TI) PCM1796DB Datasheet HTML 19Page - Burr-Brown (TI) PCM1796DB Datasheet HTML 20Page - Burr-Brown (TI) PCM1796DB Datasheet HTML 21Page - Burr-Brown (TI) PCM1796DB Datasheet HTML 22Page - Burr-Brown (TI) PCM1796DB Datasheet HTML 23Page - Burr-Brown (TI) PCM1796DB Datasheet HTML 24Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 57 page
background image
PCM1796
SLES100 − DECEMBER 2003
www.ti.com
20
t(MCH)
1.4 V
MS
t(MSS)
LSB
1.4 V
1.4 V
t(MCL)
t(MHH)
t(MSH)
t(MCY)
t(MDH)
t(MDS)
MC
MDI
t(MOS)
50% of VDD
MDO
PARAMETER
MIN
MAX
UNITS
t(MCY) MC pulse cycle time
100
ns
t(MCL)
MC low-level time
40
ns
t(MCH) MC high-level time
40
ns
t(MHH) MS high-level time
80
ns
t(MSS)
MS falling edge to MC rising edge
15
ns
t(MSH) MS hold time(1)
15
ns
t(MDH) MDI hold time
15
ns
t(MDS) MDI setup time
15
ns
t(MOS) MC falling edge to MDO stable
30
ns
(1) MC rising edge for LSB to MS rising edge
Figure 30. Control Interface Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com