Electronic Components Datasheet Search
  English  ▼

X  

PCM1796DB Datasheet(PDF) 33 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # PCM1796DB
Description  24BIT 192 KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM1796DB Datasheet(HTML) 33 Page - Burr-Brown (TI)

Back Button PCM1796DB Datasheet HTML 29Page - Burr-Brown (TI) PCM1796DB Datasheet HTML 30Page - Burr-Brown (TI) PCM1796DB Datasheet HTML 31Page - Burr-Brown (TI) PCM1796DB Datasheet HTML 32Page - Burr-Brown (TI) PCM1796DB Datasheet HTML 33Page - Burr-Brown (TI) PCM1796DB Datasheet HTML 34Page - Burr-Brown (TI) PCM1796DB Datasheet HTML 35Page - Burr-Brown (TI) PCM1796DB Datasheet HTML 36Page - Burr-Brown (TI) PCM1796DB Datasheet HTML 37Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 57 page
background image
PCM1796
SLES100 − DECEMBER 2003
www.ti.com
33
APPLICATION INFORMATION
TYPICAL CONNECTION DIAGRAM IN PCM MODE
DATA
24
23
22
21
20
19
18
17
16
15
5
6
7
8
9
10
11
12
13
14
PCM1796
BCK
SCK
DGND
VDD
MS
MDI
MC
MDO
RST
AGND2
IOUTR−
VCC1
VCOML
VCOMR
IREF
IOUTR+
AGND3R
AGND1
−
+
ZEROL
1
2
3
4
ZEROR
MSEL
LRCK
28
27
26
25
VCC2L
AGND3L
IOUTL−
IOUTL+
VOUT
L-Channel
5 V
VCC2R
0.1
µF
Controller
10
µF
3.3 V
PCM
Audio
Data
Source
0.1
µF
10
µF
Cf
Rf
Differential
to
Single
Converter
With
Low-Pass
Filter
47
µF
5 V
10
µF
10 k
Ω
−
+
Cf
Rf
−
+
VOUT
R-Channel
Cf
Rf
Differential
to
Single
Converter
With
Low-Pass
Filter
−
+
Cf
Rf
0.1
µF
10
µF
5 V
+
+
Figure 35. Typical Application Circuit for Standard PCM Audio Operation
APPLICATION CIRCUIT
The design of the application circuit is very important in order to actually realize the high S/N ratio of which the
PCM1796 is capable. This is because noise and distortion that are generated in an application circuit are not
negligible.
In the third-order LPF circuit of Figure 36, the output level is 2.1 V rms and 123 dB S/N is achieved.
Figure 37 shows a circuit for the DSD mode, which is a fourth-order LPF in order to reduce the out-of-band noise.
I/V Section
The current of the PCM1796 on each of the output pins (IOUTL+, IOUTL–, IOUTR+, IOUTR–) is 4 mA p-p at 0 dB (full
scale). The voltage output level of the I/V converter (Vi) is given by following equation:
Vi = 4 mA p−p
× Rf (Rf : feedback resistance of I/V converter)
An NE5534 op amp is recommended for the I/V circuit to obtain the specified performance. Dynamic performance
such as the gain bandwidth, settling time, and slew rate of the op amp affects the audio dynamic performance of the
I/V section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com