Electronic Components Datasheet Search
  English  ▼

X  

PCM1796DB Datasheet(PDF) 41 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # PCM1796DB
Description  24BIT 192 KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM1796DB Datasheet(HTML) 41 Page - Burr-Brown (TI)

Back Button PCM1796DB Datasheet HTML 37Page - Burr-Brown (TI) PCM1796DB Datasheet HTML 38Page - Burr-Brown (TI) PCM1796DB Datasheet HTML 39Page - Burr-Brown (TI) PCM1796DB Datasheet HTML 40Page - Burr-Brown (TI) PCM1796DB Datasheet HTML 41Page - Burr-Brown (TI) PCM1796DB Datasheet HTML 42Page - Burr-Brown (TI) PCM1796DB Datasheet HTML 43Page - Burr-Brown (TI) PCM1796DB Datasheet HTML 44Page - Burr-Brown (TI) PCM1796DB Datasheet HTML 45Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 57 page
background image
PCM1796
SLES100 − DECEMBER 2003
www.ti.com
41
APPLICATION FOR DSD FORMAT (DSD MODE) INTERFACE
Bit Clock
DSD Decoder
DATA
5
6
7
BCK
SCK
ZEROL
1
2
3
4
ZEROR
MSEL
LRCK
PCM1796
DATA_R
DATA_L
Figure 42. Connection Diagram in DSD Mode
Feature
This mode is used for interfacing directly to a DSD decoder, which is found in Super Audio CD
t (SACD) applications.
The DSD mode is accessed by programming the following bit in the corresponding control register.
DSD = 1 (register 20)
The DSD mode provides a low-pass filtering function. The filtering is provided using an analog FIR filter structure.
Four FIR responses are available, and are selected by the DMF[1:0] bits of control register 18.
The DSD bit must be set before inputting DSD data; otherwise, the PCM1796 erroneously detects the TDMCA mode,
and commands are not accepted through the serial control interface.
Pin Assignment When Using DSD Format Interface
Several pins are redefined for DSD mode operation. These include:
D DATA (pin 5): DSDL as L-channel DSD data input
D LRCK (pin 4): DSDR as R-channel DSD data input
D SCK (pin 7): DBCK as bit clock for DSD data
D BCK (pin 6): Set LOW (N/A)
Super Audio CD is a trademark of Sony Kabushiki Kaisha TA Sony Corporation, Japan.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com