Electronic Components Datasheet Search
  English  ▼

X  

PCM1796DB Datasheet(PDF) 38 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # PCM1796DB
Description  24BIT 192 KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM1796DB Datasheet(HTML) 38 Page - Burr-Brown (TI)

Back Button PCM1796DB Datasheet HTML 34Page - Burr-Brown (TI) PCM1796DB Datasheet HTML 35Page - Burr-Brown (TI) PCM1796DB Datasheet HTML 36Page - Burr-Brown (TI) PCM1796DB Datasheet HTML 37Page - Burr-Brown (TI) PCM1796DB Datasheet HTML 38Page - Burr-Brown (TI) PCM1796DB Datasheet HTML 39Page - Burr-Brown (TI) PCM1796DB Datasheet HTML 40Page - Burr-Brown (TI) PCM1796DB Datasheet HTML 41Page - Burr-Brown (TI) PCM1796DB Datasheet HTML 42Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 57 page
background image
PCM1796
SLES100 − DECEMBER 2003
www.ti.com
38
Application for Interfacing With an External Digital Filter
For some applications, it may be desirable to use an external digital filter to perform the interpolation function, as it
can provide improved stop-band attenuation when compared to the internal digital filter of the PCM1796.
The PCM1796 supports several external digital filters, including:
D Texas Instruments DF1704 and DF1706
D Pacific Microsonics PMD200 HDCD filter/decoder IC
D Programmable digital signal processors
The external digital filter application mode is accessed by programming the following bits in the corresponding control
register:
D DFTH = 1 (register 20)
The pins used to provide the serial interface for the external digital filter are shown in the connection diagram of
Figure 39. The word clock (WDCK) signal must be operated at 8
× or 4× the desired sampling frequency, fS.
Pin Assignment When Using the External Digital Filter Interface
D LRCK (pin 4): WDCK as word clock input
D BCK (pin 6):
Bit clock for audio data
D DATA (pin 5): Monaural audio data input when the DFMS bit is not set to 1
D ZEROL (pin 1): DATAL as L-channel audio data input when the DFMS bit is set to 1
D ZEROR (pin 2): DATAR as R-channel audio data input when the DFMS bit is set to 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com