Electronic Components Datasheet Search
  English  ▼

X  

PCM1796DB Datasheet(PDF) 23 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # PCM1796DB
Description  24BIT 192 KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM1796DB Datasheet(HTML) 23 Page - Burr-Brown (TI)

Back Button PCM1796DB Datasheet HTML 19Page - Burr-Brown (TI) PCM1796DB Datasheet HTML 20Page - Burr-Brown (TI) PCM1796DB Datasheet HTML 21Page - Burr-Brown (TI) PCM1796DB Datasheet HTML 22Page - Burr-Brown (TI) PCM1796DB Datasheet HTML 23Page - Burr-Brown (TI) PCM1796DB Datasheet HTML 24Page - Burr-Brown (TI) PCM1796DB Datasheet HTML 25Page - Burr-Brown (TI) PCM1796DB Datasheet HTML 26Page - Burr-Brown (TI) PCM1796DB Datasheet HTML 27Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 57 page
background image
PCM1796
SLES100 − DECEMBER 2003
www.ti.com
23
Noise Suppression
The PCM1796 incorporates noise suppression using the system clock (SCK). However, there must be no more than
two noise spikes in 600 ns. The noise suppression works for SCK frequencies between 8 MHz and 40 MHz in fast
mode. However, it works incorrectly in the following conditions.
Case 1:
1.
t(SCK) > 120 ns (t(SCK): period of SCK)
2.
t(HI) + t(D−HD) < t(SCK) × 5
3.
Spike noise exists on the first half of the SCL HIGH pulse.
4.
Spike noise exists on the SDA HIGH pulse just before SDA goes LOW.
SCL
SDA
Noise
When these conditions occur at the same time, the data is recognized as LOW.
Case 2:
1.
t(SCK) > 120 ns
2.
t(S−HD) or t(RS−HD) < t(SCK) × 5
3.
Spike noise exists on both SCL and SDA during the hold time.
SCL
SDA
Noise
When these conditions occur at the same time, the PCM1796 fails to detect a start condition.
Case 3:
1.
t(SCK) < 50 ns
2.
t(SP) > t(SCK)
3.
Spike noise exists on SCL just after SCL goes LOW.
4.
Spike noise exists on SDA just before SCL goes LOW.
SCL
SDA
Noise
When these conditions occur at the same time, the PCM1796 erroneously detects a start or stop condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com