Electronic Components Datasheet Search
  English  ▼

X  

PCM1796DB Datasheet(PDF) 44 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # PCM1796DB
Description  24BIT 192 KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM1796DB Datasheet(HTML) 44 Page - Burr-Brown (TI)

Back Button PCM1796DB Datasheet HTML 40Page - Burr-Brown (TI) PCM1796DB Datasheet HTML 41Page - Burr-Brown (TI) PCM1796DB Datasheet HTML 42Page - Burr-Brown (TI) PCM1796DB Datasheet HTML 43Page - Burr-Brown (TI) PCM1796DB Datasheet HTML 44Page - Burr-Brown (TI) PCM1796DB Datasheet HTML 45Page - Burr-Brown (TI) PCM1796DB Datasheet HTML 46Page - Burr-Brown (TI) PCM1796DB Datasheet HTML 47Page - Burr-Brown (TI) PCM1796DB Datasheet HTML 48Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 57 page
background image
PCM1796
SLES100 − DECEMBER 2003
www.ti.com
44
ANALOG FIR FILTER PERFORMANCE IN DSD MODE (CONTINUED)
Figure 49. DSD Filter-3, Low BW
f − Frequency − kHz
−6
−5
−4
−3
−2
−1
0
0
50
100
150
200
GAIN
vs
FREQUENCY
Figure 50. DSD Filter-3, High BW
f − Frequency − kHz
−60
−50
−40
−30
−20
−10
0
0
500
1000
1500
GAIN
vs
FREQUENCY
fc = 85 kHz
Gain(1) = −1.5 dB
Figure 51. DSD Filter-4, Low BW
f − Frequency − kHz
−6
−5
−4
−3
−2
−1
0
0
50
100
150
200
GAIN
vs
FREQUENCY
Figure 52. DSD Filter-4, High BW
f − Frequency − kHz
−60
−50
−40
−30
−20
−10
0
0
500
1000
1500
GAIN
vs
FREQUENCY
fc = 94 kHz
Gain(1) = −3.3 dB
(1) This gain is in comparison to PCM 0 dB, when the DSD input signal efficiency is 50%.
All specifications at DBCK = 2.8224 MHz (44.1 kHz
× 64 fS), and 50% modulation DSD data input, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com