Electronic Components Datasheet Search
  English  ▼

X  

PCM1796DB Datasheet(PDF) 45 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # PCM1796DB
Description  24BIT 192 KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM1796DB Datasheet(HTML) 45 Page - Burr-Brown (TI)

Back Button PCM1796DB Datasheet HTML 41Page - Burr-Brown (TI) PCM1796DB Datasheet HTML 42Page - Burr-Brown (TI) PCM1796DB Datasheet HTML 43Page - Burr-Brown (TI) PCM1796DB Datasheet HTML 44Page - Burr-Brown (TI) PCM1796DB Datasheet HTML 45Page - Burr-Brown (TI) PCM1796DB Datasheet HTML 46Page - Burr-Brown (TI) PCM1796DB Datasheet HTML 47Page - Burr-Brown (TI) PCM1796DB Datasheet HTML 48Page - Burr-Brown (TI) PCM1796DB Datasheet HTML 49Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 57 page
background image
PCM1796
SLES100 − DECEMBER 2003
www.ti.com
45
DSD MODE CONFIGURATION AND FUNCTION CONTROLS
Configuration for the DSD Interface Mode
The DSD interface mode is selected by setting DSD = 1 (register 20, B5).
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
Register 16
R/W
0
0
1
0
0
0
0
−
−
−
−
−
−
−
−
Register 17
R/W
0
0
1
0
0
0
1
−
−
−
−
−
−
−
−
Register 18
R/W
0
0
1
0
0
1
0
−
−
−
−
DMF1
DMF0
−
−
Register 19
R/W
0
0
1
0
0
1
1
REV
−
−
OPE
−
−
−
−
Register 20
R/W
0
0
1
0
1
0
0
−
SRST
1
−
MONO
CHSL
OS1
OS0
Register 21
R
0
0
1
0
1
0
1
−
−
−
−
−
DZ1
DZ0
−
Register 22
R
0
0
1
0
1
1
0
−
−
−
−
−
−
ZFGR
ZFGL
NOTE:
−: Function is disabled. No operation even if data bit is set
DMF[1:0]: Analog-FIR Performance Selection
Default value: 00
DMF[1:0]
Analog-FIR Performance Select
00
FIR-1 (default)
01
FIR-2
10
FIR-3
11
FIR-4
Plots for the four analog FIR filter responses are shown in the ANALOG FIR FILTER PERFORMANCE IN DSD
MODE section of this data sheet.
OS[1:0]: Analog-FIR Operation-Speed Selection
Default value: 00
OS[1:0]
Operation-Speed Select
00
fDBCK (default)
01
fDBCK /2
10
Reserved
11
fDBCK/4
The OS bit in the DSD mode is used to select the operating rate of the analog FIR. The OS bits must be set before
setting the DSD bit to1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com