Electronic Components Datasheet Search
  English  ▼

X  

PIC16F716 Datasheet(PDF) 44 Page - Microchip Technology

Part # PIC16F716
Description  8-bit Flash-based Microcontroller with A/D Converter and Enhanced Capture/Compare/PWM
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F716 Datasheet(HTML) 44 Page - Microchip Technology

Back Button PIC16F716 Datasheet HTML 40Page - Microchip Technology PIC16F716 Datasheet HTML 41Page - Microchip Technology PIC16F716 Datasheet HTML 42Page - Microchip Technology PIC16F716 Datasheet HTML 43Page - Microchip Technology PIC16F716 Datasheet HTML 44Page - Microchip Technology PIC16F716 Datasheet HTML 45Page - Microchip Technology PIC16F716 Datasheet HTML 46Page - Microchip Technology PIC16F716 Datasheet HTML 47Page - Microchip Technology PIC16F716 Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 126 page
background image
PIC16F716
DS41206A-page 42
Preliminary
 2003 Microchip Technology Inc.
7.4.2
HALF-BRIDGE MODE
In the Half-Bridge Output mode, two pins are used as
outputs to drive push-pull loads. The PWM output
signal is output on the RB3/CCP1/P1A pin, while the
complementary PWM output signal is output on the
RB5/P1B pin (Figure 7-12). This mode can be used for
half-bridge applications, as shown in Figure 7-11 or for
full-bridge applications, where four power switches are
being modulated with two PWM signals.
In Half-Bridge Output mode, the programmable dead-
band delay can be used to prevent shoot-through
current in half-bridge power devices. The value of
PWM1CON bits PDC6:PDC0 sets the number of
instruction cycles before the output is driven active. If
the value is greater than the duty cycle, the
corresponding output remains inactive during the entire
cycle. See Section 7.4.4 “Programmable Dead-
Band Delay” for more details of the dead-band delay
operations.
Since the P1A and P1B outputs are multiplexed with
the PORTB<3> and PORTB<5> data latches, the
TRISB<3> and TRISB<5> bits must be cleared to
configure P1A and P1B as outputs.
FIGURE 7-10:
HALF-BRIDGE PWM
OUTPUT
FIGURE 7-11:
EXAMPLES OF HALF-BRIDGE OUTPUT MODE APPLICATIONS
Period
Duty Cycle
td
td
(1)
P1A(2)
P1B(2)
td = Dead-band Delay
Period
(1)
(1)
Note
1:
At this time, the TMR2 register is equal to the
PR2 register.
2:
Output signals are shown as active-high.
PIC16F716
P1A
P1B
FET
Driver
FET
Driver
V+
V-
Load
+
V
-
+
V
-
FET
Driver
FET
Driver
V+
V-
Load
FET
Driver
FET
Driver
PIC16F716
P1A
P1B
Standard Half-Bridge Circuit (“Push-Pull”)
Half-Bridge Output Driving a Full-Bridge Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com