Electronic Components Datasheet Search
  English  ▼

X  

PIC16F716 Datasheet(PDF) 9 Page - Microchip Technology

Part # PIC16F716
Description  8-bit Flash-based Microcontroller with A/D Converter and Enhanced Capture/Compare/PWM
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F716 Datasheet(HTML) 9 Page - Microchip Technology

Back Button PIC16F716 Datasheet HTML 5Page - Microchip Technology PIC16F716 Datasheet HTML 6Page - Microchip Technology PIC16F716 Datasheet HTML 7Page - Microchip Technology PIC16F716 Datasheet HTML 8Page - Microchip Technology PIC16F716 Datasheet HTML 9Page - Microchip Technology PIC16F716 Datasheet HTML 10Page - Microchip Technology PIC16F716 Datasheet HTML 11Page - Microchip Technology PIC16F716 Datasheet HTML 12Page - Microchip Technology PIC16F716 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 126 page
background image
 2003 Microchip Technology Inc.
Preliminary
DS41206A-page 7
PIC16F716
2.0
MEMORY ORGANIZATION
There are two memory blocks in the PIC16F716
PICmicro®
microcontroller
device.
Each
block
(program memory and data memory) has its own bus
so that concurrent access can occur.
Additional information on device memory may be found
in the PICmicro® Mid-Range Reference Manual,
(DS33023).
2.1
Program Memory Organization
The PIC16F716 has a 13-bit program counter capable
of addressing an 8K x 14 program memory space. The
PIC16F716 has 2K x 14 words of program memory.
Accessing a location above the physically implemented
address will cause a wrap-around.
The Reset vector is at 0000h and the interrupt vector is
at 0004h.
FIGURE 2-1:
PROGRAM MEMORY MAP
AND STACK OF
PIC16F716
2.2
Data Memory Organization
The data memory is partitioned into multiple banks
which contain the General Purpose Registers (GPR)
and the Special Function Registers (SFR). Bits RP1
and RP0 of the Status register are the bank select bits.
Each bank extends up to 7Fh (128 bytes). The lower
locations of each bank are reserved for the Special
Function Registers. Above the Special Function
Registers
are
General
Purpose
Registers,
implemented as static RAM. All implemented banks
contain Special Function Registers. The upper 16
bytes of GPR space and some “high use” Special
Function Registers in Bank 0 are mirrored in Bank 1 for
code reduction and quicker access.
PC<12:0>
13
0000h
0004h
0005h
07FFh
0800h
1FFFh
Stack Level 1
Stack Level 8
Reset Vector
Interrupt Vector
On-chip Program
Memory
CALL, RETURN
RETFIE, RETLW
RP1:RP0(1)
(status<6:5>)
Bank
00
0
01
1
10
2(2)
11
3(2)
Note 1:
Maintain Status bit 6 clear to ensure
upward compatibility with future products.
2:
Not implemented



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com