Electronic Components Datasheet Search
  English  ▼

X  

PIC16F716 Datasheet(PDF) 97 Page - Microchip Technology

Part # PIC16F716
Description  8-bit Flash-based Microcontroller with A/D Converter and Enhanced Capture/Compare/PWM
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F716 Datasheet(HTML) 97 Page - Microchip Technology

Back Button PIC16F716 Datasheet HTML 93Page - Microchip Technology PIC16F716 Datasheet HTML 94Page - Microchip Technology PIC16F716 Datasheet HTML 95Page - Microchip Technology PIC16F716 Datasheet HTML 96Page - Microchip Technology PIC16F716 Datasheet HTML 97Page - Microchip Technology PIC16F716 Datasheet HTML 98Page - Microchip Technology PIC16F716 Datasheet HTML 99Page - Microchip Technology PIC16F716 Datasheet HTML 100Page - Microchip Technology PIC16F716 Datasheet HTML 101Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 126 page
background image
 2003 Microchip Technology Inc.
Preliminary
DS41206A-page 95
PIC16F716
12.3
DC Characteristics: PIC16F716 (Extended)
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature -40°C
≤ TA ≤ +125°C
Param
No.
Sym
Characteristic
Min
Typ† Max Units
VDD
Conditions
VDD
Supply Voltage
D001
3.0
—
5.5
V
—
D020E
IPD
Power-down Base Current
—0.1
TBD
µA
3.0
WDT, BOR and T1OSC: disabled
—0.2
TBD
µA5.0
D021E
∆IMOD Peripheral Module Current(1)
—2
TBD
µA
3.0
WDT Current
—9
TBD
µA5.0
D022E
—TBD
TBD
µA3.0
—40
TBD
µA
4.5
BOR Current
—45
TBD
µA5.0
D025E
—2.6
TBD
µA3.0 T1OSC Current
—3.0
TBD
µA5.0
D010E
IDD
Supply Current
—21
TBD
µA3.0 FOSC = 32 kHz
LP Oscillator mode
—38
TBD
µA5.0
D011E
—182
TBD
µA3.0 FOSC = 1 MHz
XT Oscillator mode
—293
TBD
µA5.0
D012E
—371
TBD
µA3.0 FOSC = 4 MHz
XT Oscillator mode
—668
TBD
µA5.0
D013E
—2.6
TBD
mA
4.5
FOSC = 20 MHz
HS Oscillator mode
—3
TBD
mA
5.0
† Data in “Typ” column is at 5V, 25°C unless otherwise stated. These parameters are for design guidance
only and are not tested.
Note 1:
The “
∆” current is the additional current consumed when this peripheral is enabled. This current should be
added to the base IDD or IPD measurement. Max values should be used when calculating total current
consumption.
2:
ADC on, not converting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com