Electronic Components Datasheet Search
  English  ▼

X  

PIC16F716 Datasheet(PDF) 7 Page - Microchip Technology

Part # PIC16F716
Description  8-bit Flash-based Microcontroller with A/D Converter and Enhanced Capture/Compare/PWM
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F716 Datasheet(HTML) 7 Page - Microchip Technology

Back Button PIC16F716 Datasheet HTML 3Page - Microchip Technology PIC16F716 Datasheet HTML 4Page - Microchip Technology PIC16F716 Datasheet HTML 5Page - Microchip Technology PIC16F716 Datasheet HTML 6Page - Microchip Technology PIC16F716 Datasheet HTML 7Page - Microchip Technology PIC16F716 Datasheet HTML 8Page - Microchip Technology PIC16F716 Datasheet HTML 9Page - Microchip Technology PIC16F716 Datasheet HTML 10Page - Microchip Technology PIC16F716 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 126 page
background image
 2003 Microchip Technology Inc.
Preliminary
DS41206A-page 5
PIC16F716
1.0
DEVICE OVERVIEW
This document contains device specific information for
the PIC16F716. Additional information may be found in
the
PICmicro®
Mid-Range
Reference
Manual,
(DS33023), which may be obtained from your local
Microchip Sales Representative or downloaded from
the Microchip web site (www.microchip.com). The
Reference
Manual
should
be
considered
a
complementary document to this data sheet, and is
highly
recommended
reading
for
a
better
understanding of the device architecture and operation
of the peripheral modules.
Figure 1-1 is the block diagram for the PIC16F716
device. The pinouts are listed in Table 1-1.
FIGURE 1-1:
PIC16F716 BLOCK DIAGRAM
Flash
Program
Memory
13
Data Bus
8
14
Program
Bus
Instruction reg
Program Counter
8 Level Stack
(13-bit)
RAM
File
Registers
Direct Addr
7
RAM Addr(1)
9
Addr MUX
Indirect
Addr
FSR reg
Status reg
MUX
ALU
W reg
Power-up
Timer
Oscillator
Start-up Timer
Power-on
Reset
Watchdog
Timer
Instruction
Decode and
Control
Timing
Generation
OSC1/CLKIN
OSC2/CLKOUT
MCLR
VDD, VSS
PORTA
PORTB
RB0/INT/ECCPAS2
RB1/T1OSO/T1CKI
RB2/T1OSI
RB3/CCP1/P1A
RB4/ECCPAS0
RB5/P1B
RB6/P1C
RB7/P1D
8
8
Brown-out
Reset
Note
1:
Higher order bits are from the Status register.
A/D
Timer0
Timer1
Timer2
RA4/T0CKI
RA3/AN3/VREF
RA2/AN2
RA1/AN1
RA0/AN0
8
3
128 x 8
2K x 14
Enhanced CCP
(ECCP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com