Electronic Components Datasheet Search
  English  ▼

X  

PIC16F716 Datasheet(PDF) 11 Page - Microchip Technology

Part # PIC16F716
Description  8-bit Flash-based Microcontroller with A/D Converter and Enhanced Capture/Compare/PWM
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F716 Datasheet(HTML) 11 Page - Microchip Technology

Back Button PIC16F716 Datasheet HTML 7Page - Microchip Technology PIC16F716 Datasheet HTML 8Page - Microchip Technology PIC16F716 Datasheet HTML 9Page - Microchip Technology PIC16F716 Datasheet HTML 10Page - Microchip Technology PIC16F716 Datasheet HTML 11Page - Microchip Technology PIC16F716 Datasheet HTML 12Page - Microchip Technology PIC16F716 Datasheet HTML 13Page - Microchip Technology PIC16F716 Datasheet HTML 14Page - Microchip Technology PIC16F716 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 126 page
background image
 2003 Microchip Technology Inc.
Preliminary
DS41206A-page 9
PIC16F716
2.2.2
SPECIAL FUNCTION REGISTERS
The Special Function Registers are registers used by
the CPU and peripheral modules for controlling the
desired operation of the device. These registers are
implemented as static RAM. A list of these registers is
give in Table 2-1.
The Special Function Registers can be classified into
two sets; core (CPU) and peripheral. Those registers
associated with the core functions are described in
detail in this section. Those related to the operation of
the peripheral features are described in detail in that
peripheral feature section.
TABLE 2-1:
SPECIAL FUNCTION REGISTER SUMMARY BANK 0
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR, BOR
Page
00h
INDF(1)
Addressing this location uses contents of FSR to address data memory (not a physical register)
0000 0000
18
01h
TMR0
Timer0 module’s register
xxxx xxxx
27
02h
PCL(1)
Program Counter's (PC) Least Significant Byte
0000 0000
17
03h
STATUS(1)
IRP(4)
RP1(4)
RP0
TO
PD
ZDC
C
0001 1xxx
11
04h
FSR(1)
Indirect data memory address pointer
xxxx xxxx
18
05h
PORTA(5,6)
—
——(7)
PORTA Data Latch when written: PORTA pins when read
--xx 0000
19
06h
PORTB(5,6)
PORTB Data Latch when written: PORTB pins when read
xxxx xxxx
21
07h-09h
—
Unimplemented
—
0Ah
PCLATH(1,2)
—
—
—
Write Buffer for the upper 5 bits of the Program Counter
---0 0000
17
0Bh
INTCON(1)
GIE
PEIE
T0IE
INTE
RBIE
T0IF
INTF
RBIF
0000 000x
13
0Ch
PIR1
—ADIF
—
—
—
CCP1IF
TMR2IF
TMR1IF
-0-- 0000
15
0Dh
—
Unimplemented
—
0Eh
TMR1L
Holding register for the Least Significant Byte of the 16-bit TMR1 register
xxxx xxxx
29
0Fh
TMR1H
Holding register for the Most Significant Byte of the 16-bit TMR1 register
xxxx xxxx
29
10h
T1CON
—
—
T1CKPS1
T1CKPS0
T1OSCEN
T1SYNC
TMR1CS
TMR1ON
--00 0000
29
11h
TMR2
Timer2 module’s register
0000 0000
31
12h
T2CON
—
TOUTPS3
TOUTPS2
TOUTPS1
TOUTPS0
TMR2ON
T2CKPS1
T2CKPS0
-000 0000
31
13h-14h
—
Unimplemented
—
15h
CCPR1L
Capture/Compare/PWM Register 1 (LSB)
xxxx xxxx
34
16h
CCPR1H
Capture/Compare/PWM Register 1 (MSB)
xxxx xxxx
34
17h
CCP1CON
P1M1
P1M0
DC1B1
DC1B0
CCP1M3
CCP1M2
CCP1M1
CCP1M0
0000 0000
33
18h
PWM1CON
PRSEN
PDC6
PDC5
PDC4
PDC3
PDC2
PDC1
PDC0
0000 0000
46
19h
ECCPAS
ECCPASE
ECCPAS2
—(8)
ECCPAS0
PSSAC1
PSSAC0
PSSBD1
PSSBD0
00-0 0000
46
1Ah-1Dh
—
Unimplemented
—
1Eh
ADRES
A/D Result Register
xxxx xxxx
49
1Fh
ADCON0
ADCS1
ADCS0
CHS2
CHS1
CHS0
GO/DONE
—(7)
ADON
0000 0000
49
Legend:
x
= unknown, u = unchanged, q = value depends on condition, - = unimplemented, read as ‘0’, Shaded locations are unimplemented,
read as ‘0’.
Note
1:
These registers can be addressed from either bank.
2:
The upper byte of the program counter is not directly accessible. PCLATH is a holding register for PC<12:8> whose contents are
transferred to the upper byte of the program counter.
3:
Other (non Power-up) Resets include: external Reset through MCLR and the Watchdog Timer Reset.
4:
The IRP and RP1 bits are reserved. Always maintain these bits clear.
5:
On any device Reset, these pins are configured as inputs.
6:
This is the value that will be in the port output latch.
7:
Reserved bits, do not use.
8:
ECCPAS1 bit is not used on PIC16F716.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com