Electronic Components Datasheet Search
  English  ▼

X  

PIC16F716 Datasheet(PDF) 64 Page - Microchip Technology

Part # PIC16F716
Description  8-bit Flash-based Microcontroller with A/D Converter and Enhanced Capture/Compare/PWM
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F716 Datasheet(HTML) 64 Page - Microchip Technology

Back Button PIC16F716 Datasheet HTML 60Page - Microchip Technology PIC16F716 Datasheet HTML 61Page - Microchip Technology PIC16F716 Datasheet HTML 62Page - Microchip Technology PIC16F716 Datasheet HTML 63Page - Microchip Technology PIC16F716 Datasheet HTML 64Page - Microchip Technology PIC16F716 Datasheet HTML 65Page - Microchip Technology PIC16F716 Datasheet HTML 66Page - Microchip Technology PIC16F716 Datasheet HTML 67Page - Microchip Technology PIC16F716 Datasheet HTML 68Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 126 page
background image
PIC16F716
DS41206A-page 62
Preliminary
 2003 Microchip Technology Inc.
9.8
Time-out Sequence
On power-up, the time-out sequence is as follows: First
PWRT time-out is invoked after the POR time delay has
expired. Then OST is activated. The total time-out will
vary based on oscillator configuration and the status of
the PWRT. For example, in RC mode with the PWRT
disabled, there will be no time-out at all. Figure 9-10,
Figure 9-11,
and
Figure 9-12
depict
time-out
sequences on power-up.
Since the time-outs occur from the POR pulse, if MCLR
is kept low long enough, the time-outs will expire. Then
bringing MCLR high will begin execution immediately
(Figure 9-12). This is useful for testing purposes or to
synchronize
more
than
one
PIC16F716
device
operating in parallel.
Table 9-5 shows the Reset conditions for some special
function registers, while Table 9-6 shows the Reset
conditions for all the registers.
9.9
Power Control/Status Register
(PCON)
The Power Control/Status Register, PCON has two
bits.
Bit 0 is the Brown-out Reset Status bit, BOR. If the
BOREN configuration bit is set, BOR is ‘1’ on Power-on
Reset and reset to ‘0’ when a Brown-out condition
occurs. BOR must then be set by the user and checked
on subsequent resets to see if it is clear, indicating that
another Brown-out has occurred.
If the BOREN configuration bit is clear, BOR is
unknown on Power-on Reset.
Bit 1 is POR (Power-on Reset Status bit). It is cleared
on a Power-on Reset and unaffected otherwise. The
user must set this bit following a Power-on Reset.
TABLE 9-3:
TIME-OUT IN VARIOUS SITUATIONS
TABLE 9-4:
STATUS BITS AND THEIR SIGNIFICANCE
Oscillator Configuration
Power-up or Brown-out
Wake-up from Sleep
PWRTE = 0
PWRTE = 1
XT, HS, LP
72 ms + 1024 TOSC
1024 TOSC
1024 TOSC
RC
72 ms
—
—
POR
BOR
TO
PD
0x
1
1
Power-on Reset (BOREN = 0)
01
1
1
Power-on Reset (BOREN = 1)
0x
0
x
Illegal, TO is set on POR
0x
x
0
Illegal, PD is set on POR
10
1
1
Brown-out Reset
11
0
1
WDT Reset
11
0
0
WDT Wake-up
11
u
u
MCLR Reset during normal operation
11
1
0
MCLR Reset during Sleep or interrupt wake-up from Sleep



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com