Electronic Components Datasheet Search
  English  ▼

X  

PIC16F716 Datasheet(PDF) 52 Page - Microchip Technology

Part # PIC16F716
Description  8-bit Flash-based Microcontroller with A/D Converter and Enhanced Capture/Compare/PWM
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F716 Datasheet(HTML) 52 Page - Microchip Technology

Back Button PIC16F716 Datasheet HTML 48Page - Microchip Technology PIC16F716 Datasheet HTML 49Page - Microchip Technology PIC16F716 Datasheet HTML 50Page - Microchip Technology PIC16F716 Datasheet HTML 51Page - Microchip Technology PIC16F716 Datasheet HTML 52Page - Microchip Technology PIC16F716 Datasheet HTML 53Page - Microchip Technology PIC16F716 Datasheet HTML 54Page - Microchip Technology PIC16F716 Datasheet HTML 55Page - Microchip Technology PIC16F716 Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 126 page
background image
PIC16F716
DS41206A-page 50
Preliminary
 2003 Microchip Technology Inc.
REGISTER 8-2:
ADCON1 REGISTER (ADDRESS: 9Fh)
The ADRES register contains the result of the A/D
conversion. When the A/D conversion is complete, the
result is loaded into the ADRES register, the GO/DONE
bit (ADCON0<2>) is cleared and the A/D interrupt flag
bit ADIF is set. The block diagram of the A/D module is
shown in Figure 8-1.
The value that is in the ADRES register is not modified
for any Reset. The ADRES register will contain
unknown data after a Power-on Reset.
After the A/D module has been configured as desired,
the selected channel must be acquired before the
conversion is started. The analog input channels must
have their corresponding TRIS bits selected as an
input. To determine acquisition time, see Section 8.1
“A/D
Acquisition
Requirements”.
After
this
acquisition time has elapsed, the A/D conversion can
be started. The following steps should be followed for
doing an A/D conversion:
1.
Configure the A/D module:
- Configure analog pins/voltage reference/
and digital I/O (ADCON1)
- Select A/D input channel (ADCON0)
- Select A/D conversion clock (ADCON0)
- Turn on A/D module (ADCON0)
2.
Configure A/D interrupt (if desired):
- Clear ADIF bit
- Set ADIE bit
- Set GIE bit
3.
Wait the required acquisition time.
4.
Start conversion:
- Set GO/DONE bit (ADCON0)
5.
Wait for A/D conversion to complete, by either:
- Polling for the GO/DONE bit to be cleared
OR
- Waiting for the A/D interrupt
6.
Read A/D Result register (ADRES), clear bit
ADIF if required.
7.
For the next conversion, go to step 1 or step 2
as required. The A/D conversion time per bit is
defined as TAD. A minimum wait of 2TAD is
required before next acquisition starts.
U-0
U-0
U-0
U-0
U-0
R/W-0
R/W-0
R/W-0
—
—
—
—
—PCFG2
PCFG1
PCFG0
bit 7
bit 0
bit 7-3
Unimplemented: Read as '0'
bit 2-0
PCFG2:PCFG0: A/D Port Configuration Control bits
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
PCFG2:PCFG0
AN3
RA3
AN2
RA2
AN2
RA1
AN0
RA0
VREF
0x0
AAA
A
VDD
0x1
VREF
AA
A
RA3
100
AD
A
A
VDD
101
VREF
DA
A
RA3
11x
DDD
D
VDD
Legend:
A = Analog input, D = Digital I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com