Electronic Components Datasheet Search
  English  ▼

X  

Q2406 Datasheet(PDF) 23 Page - List of Unclassifed Manufacturers

Part # Q2406
Description  SELF CONTAINED E GSM/GPRS 900/1800 OR 850/1900 BI BAND MODULE
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

Q2406 Datasheet(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button Q2406 Datasheet HTML 19Page - List of Unclassifed Manufacturers Q2406 Datasheet HTML 20Page - List of Unclassifed Manufacturers Q2406 Datasheet HTML 21Page - List of Unclassifed Manufacturers Q2406 Datasheet HTML 22Page - List of Unclassifed Manufacturers Q2406 Datasheet HTML 23Page - List of Unclassifed Manufacturers Q2406 Datasheet HTML 24Page - List of Unclassifed Manufacturers Q2406 Datasheet HTML 25Page - List of Unclassifed Manufacturers Q2406 Datasheet HTML 26Page - List of Unclassifed Manufacturers Q2406 Datasheet HTML 27Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 81 page
background image
WM_PRJ_Q2400_PTS_002 - 002
24th January 2003
confidential ©
Page :
23 / 81
This document is the sole and exclusive property of WAVECOM. Not to be distributed or divulged
without prior written agreement.
Ce document est la propriété exclusive de WAVECOM. Il ne peut être communiqué ou divulgué à
des tiers sans son autorisation préalable.
Electrical Characteristics
Parameter
Conditions
Min
Typ
Max
Unit
SIMDATA VIH IIH = ± 20µA
0.7xSIMVCC
V
SIMDATA VIL IIL = 1mA
0.3xSIMVC
C
V
SIMRST,
SIMDATA
SIMCLK VOH
Source
current
=
20µA
SIMVCC – 0.1V
V
SIMRST,
SIMDATA
SIMCLK VOL
Sink
current
=
-
200µA
0.1
V
SIMVCC*
Output
Voltage
ISIMVCC <= 6mA
2.70
2.80
2.85
V
SIMCLK
Rise/Fall Time
Loaded with 30pF
50
ns
SIMRST,
SIMDATA
Rise/Fall Time
Loaded with 30pF
1
µs
SIMCLK
Frequency
Loaded with 30pF
3.25
MHz
(*) : given for the 3V interface. An external SIM driver is needed to handle 5V
SIMs.
Note :
When not used SIMPRES has to be tied to VCC.
When used, a low to high transition means that the SIM card is inserted and a
high to low transition means that the SIM card is removed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com