Electronic Components Datasheet Search
  English  ▼

X  

Q2406 Datasheet(PDF) 49 Page - List of Unclassifed Manufacturers

Part # Q2406
Description  SELF CONTAINED E GSM/GPRS 900/1800 OR 850/1900 BI BAND MODULE
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

Q2406 Datasheet(HTML) 49 Page - List of Unclassifed Manufacturers

Back Button Q2406 Datasheet HTML 45Page - List of Unclassifed Manufacturers Q2406 Datasheet HTML 46Page - List of Unclassifed Manufacturers Q2406 Datasheet HTML 47Page - List of Unclassifed Manufacturers Q2406 Datasheet HTML 48Page - List of Unclassifed Manufacturers Q2406 Datasheet HTML 49Page - List of Unclassifed Manufacturers Q2406 Datasheet HTML 50Page - List of Unclassifed Manufacturers Q2406 Datasheet HTML 51Page - List of Unclassifed Manufacturers Q2406 Datasheet HTML 52Page - List of Unclassifed Manufacturers Q2406 Datasheet HTML 53Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 81 page
background image
WM_PRJ_Q2400_PTS_002 - 002
24th January 2003
confidential ©
Page :
49 / 81
This document is the sole and exclusive property of WAVECOM. Not to be distributed or divulged
without prior written agreement.
Ce document est la propriété exclusive de WAVECOM. Il ne peut être communiqué ou divulgué à
des tiers sans son autorisation préalable.
2.20.3 Antenna specifications
The antenna must fulfil the following requirements :
•
Frequency depends on application. A dualBand antenna shall work in
these frequency bands and have the following characteristics :
Q2406
Q2426
Characteristic
E-GSM 900
DCS 1800
GSM 850
PCS 1900
Frequency TX
880 to 915
MHz
1710 to
1785 MHz
824 to 849
MHz
1850 to 1910
MHz
Frequency RX
925 to 960
MHz
1805 to
1880 MHz
869 to 894
MHz
1930 to 1990
MHz
Impedance
50 Ohms
Rx max
1.5 :1
VSWR
Tx max
1.5 :1
Typical
radiated gain
0dBi in one direction at least



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com