Electronic Components Datasheet Search
  English  ▼

X  

Q2406 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # Q2406
Description  SELF CONTAINED E GSM/GPRS 900/1800 OR 850/1900 BI BAND MODULE
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

Q2406 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button Q2406 Datasheet HTML 12Page - List of Unclassifed Manufacturers Q2406 Datasheet HTML 13Page - List of Unclassifed Manufacturers Q2406 Datasheet HTML 14Page - List of Unclassifed Manufacturers Q2406 Datasheet HTML 15Page - List of Unclassifed Manufacturers Q2406 Datasheet HTML 16Page - List of Unclassifed Manufacturers Q2406 Datasheet HTML 17Page - List of Unclassifed Manufacturers Q2406 Datasheet HTML 18Page - List of Unclassifed Manufacturers Q2406 Datasheet HTML 19Page - List of Unclassifed Manufacturers Q2406 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 81 page
background image
WM_PRJ_Q2400_PTS_002 - 002
24th January 2003
confidential ©
Page :
16 / 81
This document is the sole and exclusive property of WAVECOM. Not to be distributed or divulged
without prior written agreement.
Ce document est la propriété exclusive de WAVECOM. Il ne peut être communiqué ou divulgué à
des tiers sans son autorisation préalable.
Power Supply Pinout
Signal
Pin number
VBATT
55, 57, 58, 59 60
VDD
11
GND
Shielding
The grounding connection is done through the shielding " the four legs have
to be soldered to the ground plane.
2.3 Electrical information for digital I/O
All digital I/O comply with 3Volts CMOS.
Operating conditions
Parameter
I/O type
Min
Max
Condition
VIL
CMOS
-0.5 V
0.8 V
VIH
CMOS
2.1 V
3.0 V
VOL
1X
0.2 V
IOL = -1 mA
2X
0.2 V
IOL = -2 mA
3X
0.2 V
IOL = -3 mA
VOH
1X
2.6 V
IOH = 1 mA
2X
2.6 V
IOH = 2 mA
3X
2.6 V
IOH = 3 mA
To interface the WISMO Quik Q24x6 Series digital signals with other logics :
•
3V logic : some serial resistors (between 2.2K and 4.7Kohms) can be
added on the lines
•
3.3V logic : some serial resistors (between 4.7K and 10Kohms) can be
added on the lines.
•
For higher voltage logics, a resistor bridge or a level shifter IC can be
added.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com