Electronic Components Datasheet Search
  English  ▼

X  

Q2406 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # Q2406
Description  SELF CONTAINED E GSM/GPRS 900/1800 OR 850/1900 BI BAND MODULE
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

Q2406 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  Q2406 Datasheet HTML 1Page - List of Unclassifed Manufacturers Q2406 Datasheet HTML 2Page - List of Unclassifed Manufacturers Q2406 Datasheet HTML 3Page - List of Unclassifed Manufacturers Q2406 Datasheet HTML 4Page - List of Unclassifed Manufacturers Q2406 Datasheet HTML 5Page - List of Unclassifed Manufacturers Q2406 Datasheet HTML 6Page - List of Unclassifed Manufacturers Q2406 Datasheet HTML 7Page - List of Unclassifed Manufacturers Q2406 Datasheet HTML 8Page - List of Unclassifed Manufacturers Q2406 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 81 page
background image
WM_PRJ_Q2400_PTS_002 - 002
24th January 2003
confidential ©
Page :
3 / 81
This document is the sole and exclusive property of WAVECOM. Not to be distributed or divulged
without prior written agreement.
Ce document est la propriété exclusive de WAVECOM. Il ne peut être communiqué ou divulgué à
des tiers sans son autorisation préalable.
Overview
This document defines and specifies the WISMO QUIK Q24x6 Series, available
under two GSM/GPRS Cl10 bi band versions:
•
Q2406A: EGSM/GPRS 900/1800 MHz version with 16 Mb of Flash
memory and 2 Mb of SRAM (16/2)
•
Q2406B: EGSM/GPRS 900/1800 MHz version with 32 Mb of Flash
memory and 4 Mb of SRAM (32/4)
•
Q2406D: EGSM/GPRS 900/1800 MHz version with 64 Mb of Flash
memory and 8 Mb of SRAM (64/8). This configuration will be available
for handset application and vertical application where UART2 is not
used.
•
Q2406E: EGSM/GPRS 900/1800 MHz version with 64 Mb of Flash
memory and 4 Mb of SRAM (64/4). This configuration will be available
for handset application and vertical application where UART2 is not
used.
•
Q2426A: EGSM/GPRS 850/1900 MHz version with 16 Mb of Flash
memory and 2 Mb of SRAM (16/2)
•
Q2426B: EGSM/GPRS 850/1900 MHz version with 32 Mb of Flash
memory and 4 Mb of SRAM (32/4)
•
Q2426D: EGSM/GPRS 850/1900 MHz version with 64 Mb of Flash
memory and 8 Mb of SRAM (64/8). This configuration will be available
for handset application and vertical application where UART2 is not
used.
•
Q2426E: EGSM/GPRS 850/1900 MHz version with 64 Mb of Flash
memory and 4 Mb of SRAM (64/4). This configuration will be available
for handset application and vertical application where UART2 is not
used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com