Electronic Components Datasheet Search
  English  ▼

X  

Q2406 Datasheet(PDF) 46 Page - List of Unclassifed Manufacturers

Part # Q2406
Description  SELF CONTAINED E GSM/GPRS 900/1800 OR 850/1900 BI BAND MODULE
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

Q2406 Datasheet(HTML) 46 Page - List of Unclassifed Manufacturers

Back Button Q2406 Datasheet HTML 42Page - List of Unclassifed Manufacturers Q2406 Datasheet HTML 43Page - List of Unclassifed Manufacturers Q2406 Datasheet HTML 44Page - List of Unclassifed Manufacturers Q2406 Datasheet HTML 45Page - List of Unclassifed Manufacturers Q2406 Datasheet HTML 46Page - List of Unclassifed Manufacturers Q2406 Datasheet HTML 47Page - List of Unclassifed Manufacturers Q2406 Datasheet HTML 48Page - List of Unclassifed Manufacturers Q2406 Datasheet HTML 49Page - List of Unclassifed Manufacturers Q2406 Datasheet HTML 50Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 81 page
background image
WM_PRJ_Q2400_PTS_002 - 002
24th January 2003
confidential ©
Page :
46 / 81
This document is the sole and exclusive property of WAVECOM. Not to be distributed or divulged
without prior written agreement.
Ce document est la propriété exclusive de WAVECOM. Il ne peut être communiqué ou divulgué à
des tiers sans son autorisation préalable.
2.19.2 Typical implementation
2.19.2.1 Capacitor
VCC-RTC
Regulator
2.5 V
±10%
(With very Low Iq)
+VBATT
470
1K
Ex : 470uF
Shottky
Diode
En
Vout
Gnd
Vin
Estimated range with 470 µF Capacitor : ~30 seconds.
2.19.2.2 Super Capacitor
Regulator
2.5 V ±10%
(With very Low Iq)
+VBATT
470
1K
Ex : EECE0EL474S
(Panasonic)
Shottky
Diode
En
Vout
Gnd
Vin
VCC_RTC
Estimated range with 0.47 Farad Gold Cap : 2 hours min.
Note : the Gold Capacitor maximum voltage is 2.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com