Electronic Components Datasheet Search
  English  ▼

X  

Q2406 Datasheet(PDF) 41 Page - List of Unclassifed Manufacturers

Part # Q2406
Description  SELF CONTAINED E GSM/GPRS 900/1800 OR 850/1900 BI BAND MODULE
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

Q2406 Datasheet(HTML) 41 Page - List of Unclassifed Manufacturers

Back Button Q2406 Datasheet HTML 37Page - List of Unclassifed Manufacturers Q2406 Datasheet HTML 38Page - List of Unclassifed Manufacturers Q2406 Datasheet HTML 39Page - List of Unclassifed Manufacturers Q2406 Datasheet HTML 40Page - List of Unclassifed Manufacturers Q2406 Datasheet HTML 41Page - List of Unclassifed Manufacturers Q2406 Datasheet HTML 42Page - List of Unclassifed Manufacturers Q2406 Datasheet HTML 43Page - List of Unclassifed Manufacturers Q2406 Datasheet HTML 44Page - List of Unclassifed Manufacturers Q2406 Datasheet HTML 45Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 81 page
background image
WM_PRJ_Q2400_PTS_002 - 002
24th January 2003
confidential ©
Page :
41 / 81
This document is the sole and exclusive property of WAVECOM. Not to be distributed or divulged
without prior written agreement.
Ce document est la propriété exclusive de WAVECOM. Il ne peut être communiqué ou divulgué à
des tiers sans son autorisation préalable.
2.14.1.2 Power OFF
To properly power OFF the module, the application must set the ON/OFF signal
to low and then send the AT+CPOF command to de-register from the network
and switch off the module. Once the « OK » response is issued by the module,
the power supply can be switched off.
POWER SUPPLY
ON/OFF
AT COMMAND
STATE OF THE MODULE
AT+CPOF
Module
READY
Module OFF
IBB+RF<100µA
Network dependent
OK response
IBB+RF = overall current consumption (Base Band + RF part)
Figure 11 : Power-OFF sequence
2.15
BOOT (optional)
This input can be used to download a software in the Flash ROM of the
WISMO Quik Q24x6 Series module. For the applications based on AT
commands this is a backup download procedure only (see chapter Firmware
upgrade). The internal boot procedure is started when this pin is low during
the reset of the module. In normal mode this pin has to be left open. In Internal
boot mode, low level has to be set through a 1KΩ resistor. If used, this input
has to be driven by an open collector or an open drain.
BOOT : Pin 12
1KW
BOOT : Pin 12
1KW
Switch BOOT
Figure 12 : BOOT pin connection
•
If Switch Boot = 1, Boot pin 12 = 0, for download mode
•
If Switch Boot = 0, Boot pin 12 = 1, for normal mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com