Electronic Components Datasheet Search
  English  ▼

X  

Q2406 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # Q2406
Description  SELF CONTAINED E GSM/GPRS 900/1800 OR 850/1900 BI BAND MODULE
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

Q2406 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button Q2406 Datasheet HTML 35Page - List of Unclassifed Manufacturers Q2406 Datasheet HTML 36Page - List of Unclassifed Manufacturers Q2406 Datasheet HTML 37Page - List of Unclassifed Manufacturers Q2406 Datasheet HTML 38Page - List of Unclassifed Manufacturers Q2406 Datasheet HTML 39Page - List of Unclassifed Manufacturers Q2406 Datasheet HTML 40Page - List of Unclassifed Manufacturers Q2406 Datasheet HTML 41Page - List of Unclassifed Manufacturers Q2406 Datasheet HTML 42Page - List of Unclassifed Manufacturers Q2406 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 81 page
background image
WM_PRJ_Q2400_PTS_002 - 002
24th January 2003
confidential ©
Page :
39 / 81
This document is the sole and exclusive property of WAVECOM. Not to be distributed or divulged
without prior written agreement.
Ce document est la propriété exclusive de WAVECOM. Il ne peut être communiqué ou divulgué à
des tiers sans son autorisation préalable.
2.14
ON / ~OFF
This input is used to switch ON or OFF the WISMO Quik Q24x6 Series module.
A high level signal has to be provided on the pin ON/~OFF to switch ON the
module. The level of the voltage of this signal has to be maintained between
2.4V and VDD during a minimum of 1000ms. This signal can be left at high
level until switch off.
To be able to switch OFF the module, the pin ON/OFF has to be released.
Through the firmware, the module can be switched off (using the CPOF
command).
Pin description
Signal
Pin number
I/O
I/O type
Description
ON/∼OFF
6
I
CMOS
Module Power ON
Electrical Characteristics
Parameter
Min
Max
Unit
Input Impedance ( R )
10
kΩ
Input Impedance ( C )
50
pF
Operating conditions
Parameter
I/O type
Min
Max
Unit
VIL
0 V
0.6 V
V
VIH
2.4 V
VDD+0.5V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com