Electronic Components Datasheet Search
  English  ▼

X  

SC2200 Datasheet(PDF) 223 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 223 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 219Page - National Semiconductor (TI) SC2200 Datasheet HTML 220Page - National Semiconductor (TI) SC2200 Datasheet HTML 221Page - National Semiconductor (TI) SC2200 Datasheet HTML 222Page - National Semiconductor (TI) SC2200 Datasheet HTML 223Page - National Semiconductor (TI) SC2200 Datasheet HTML 224Page - National Semiconductor (TI) SC2200 Datasheet HTML 225Page - National Semiconductor (TI) SC2200 Datasheet HTML 226Page - National Semiconductor (TI) SC2200 Datasheet HTML 227Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 223 / 433 page
background image
Revision 3.0
223
www.national.com
Core Logic Module (Continued)
Index A6h-A7h
Video Idle Timer Count Register (R/W)
Reset Value: 0000h
15:0
Video Idle Timer Count. This idle timer determines when the graphics subsystem has been idle as part of the Suspend-
determination algorithm. The 16-bit value programmed in this register represents the period of video inactivity after which
the system is alerted via an SMI. The count in this timer is automatically reset at any access to the graphics controller
space.
This counter uses a 1 second timebase. To enable this timer, set F0 Index 81h[7] = 1.
Since the graphics controller is embedded in the GX1 module, video activity is communicated to the Core Logic module via
the serial connection (PSERIAL register, bit 0). The Core Logic module also detects accesses to standard VGA space on
PCI (3Bxh, 3Cxh, 3Dxh and A000h-B7FFh) if an external VGA controller is being used.
Top level SMI status is reported at F1BAR0+I/O Offset 00h/02h[0].
Second level SMI status is reported at F0 Index 85h/F5h[7].
Index A8h-A9h
Video Overflow Count Register (R/W)
Reset Value: 0000h
15:0
Video Overflow Count. Each time the video speedup counter is triggered, a 100 msec timer is started. If the 100 msec
timer expires before the video speedup counter lapses, the Video Overflow Count register increments and the 100 msec
timer retriggers. Software clears the overflow register when new evaluations are to begin. The count contained in this regis-
ter can be combined with other data to determine the type of video accesses present in the system.
Index AAh-ABh
Reserved
Reset Value: 00h
Index ACh-ADh
Secondary Hard Disk Idle Timer Count Register (R/W)
Reset Value: 0000h
15:0
Secondary Hard Disk Idle Timer Count. This idle timer is used to determine when the secondary hard disk is not in use so
that it can be powered down. The 16-bit value programmed in this register represents the period of hard disk inactivity after
which the system is alerted via an SMI. The timer is automatically reloaded with the count value whenever an access occurs
to the configured hard disk’s data port (I/O port 1F0h or 170h).
This counter uses a 1 second timebase. To enable this timer, set F0 Index 83h[7] = 1.
Top level SMI status is reported at F1BAR0+I/O Offset 00h/02h[0].
Second level SMI status is reported at F0 Index 86h/F6h[4].
Index AEh
CPU Suspend Command Register (WO)
Reset Value: 00h
7:0
Software CPU Suspend Command. If bit 0 in the Clock Stop Control register is set low (F0 Index BCh[0] = 0), a write to
this register causes an internal SUSP#/SUSPA# handshake with the GX1 module, placing the GX1 module in a low-power
state. The actual data written is irrelevant. Once in this state, any unmasked IRQ or SMI releases the GX1 module halt con-
dition.
If F0 Index BCh[0] = 1, writing to this register invokes a full system Suspend. In this case, the internal SUSP_3V signal is
asserted after the SUSP#/SUSPA# halt. Upon a Resume event, the PLL delay programmed in the F0 Index BCh[7:4] is
invoked, allowing the clock chip and GX1 module PLL to stabilize before deasserting SUSP#.
Index AFh
Suspend Notebook Command Register (WO)
Reset Value: 00h
7:0
Software CPU Stop Clock Suspend. A write to this register causes a SUSP#/SUSPA# handshake with the CPU, placing
the GX1 module in a low-power state. Following this handshake, the SUSP_3V signal is asserted. The SUSP_3V signal is
intended to be used to stop all system clocks.
Upon a Resume event, the internal SUSP_3V signal is deasserted. After a slight delay, the Core Logic module deasserts
the SUSP# signal. Once the clocks are stable, the GX1 module deasserts SUSPA# and system operation resumes.
Index B0h-B3h
Reserved
Reset Value: 00h
Index B4h
Floppy Port 3F2h Shadow Register (RO)
Reset Value: xxh
7:0
Floppy Port 3F2h Shadow. Last written value of I/O Port 3F2h. Required for support of FDC power On/Off and 0V Sus-
pend/Resume coherency.
This register is a copy of an I/O register which cannot safely be directly read. The value in this register is not deterministic of
when the register is being read. It is provided here to assist in a Suspend-to-Disk operation.
Index B5h
Floppy Port 3F7h Shadow Register (RO)
Reset Value: xxh
7:0
Floppy Port 3F7h Shadow. Last written value of I/O Port 3F7h. Required for support of FDC power On/Off and 0V Sus-
pend/Resume coherency.
This register is a copy of an I/O register which cannot safely be directly read. The value in this register is not deterministic of
when the register is being read. It is provided here to assist in a Suspend-to-Disk operation.
Table 5-29. F0: PCI Header and Bridge Configuration Registers for GPIO and LPC Support (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com