Electronic Components Datasheet Search
  English  ▼

X  

SC2200 Datasheet(PDF) 226 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 226 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 222Page - National Semiconductor (TI) SC2200 Datasheet HTML 223Page - National Semiconductor (TI) SC2200 Datasheet HTML 224Page - National Semiconductor (TI) SC2200 Datasheet HTML 225Page - National Semiconductor (TI) SC2200 Datasheet HTML 226Page - National Semiconductor (TI) SC2200 Datasheet HTML 227Page - National Semiconductor (TI) SC2200 Datasheet HTML 228Page - National Semiconductor (TI) SC2200 Datasheet HTML 229Page - National Semiconductor (TI) SC2200 Datasheet HTML 230Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 226 / 433 page
background image
www.national.com
226
Revision 3.0
Core Logic Module (Continued)
Index C4h-C7h
User Defined Device 2 Base Address Register (R/W)
Reset Value: 00000000h
31:0
User Defined Device 2 Base Address. This 32-bit register supports power management (Trap and Idle timer resources) for
a PCMCIA slot or some other device in the system. The value in this register is used as the address comparator for the
device trap/timer logic. The device can be memory or I/O mapped (configured in F0 Index CDh).
The Core Logic module cannot snoop addresses on the Fast-PCI bus unless it actually claims the cycle. Therefore, Traps
and Idle timers cannot support power management of devices on the Fast-PCI bus.
Index C8h-CBh
User Defined Device 3 Base Address Register (R/W)
Reset Value: 00000000h
31:0
User Defined Device 3 Base Address. This 32-bit register supports power management (Trap and Idle timer resources) for
a PCMCIA slot or some other device in the system. The value in this register is used as the address comparator for the
device trap/timer logic. The device can be memory or I/O mapped (configured in F0 Index CEh).
The Core Logic module cannot snoop addresses on the Fast-PCI bus unless the it actually claims the cycle. Therefore,
Traps and Idle timers cannot support power management of devices on the Fast-PCI bus.
Index CCh
User Defined Device 1 Control Register (R/W)
Reset Value: 00h
7
Memory or I/O Mapped. Determines how User Defined Device 1 is mapped.
0: I/O.
1: Memory.
6:0
Mask.
If bit 7 = 0 (I/O):
Bit 6
0: Disable write cycle tracking
1: Enable write cycle tracking
Bit 5
0: Disable read cycle tracking
1: Enable read cycle tracking
Bits [4:0] Mask for address bits A[4:0]
If bit 7 = 1 (Memory):
Bits [6:0] Mask for address memory bits A[15:9] (512 bytes min. and 64 KB max.) A[8:0] are ignored.
Note:
A "1" in a mask bit means that the address bit is ignored for comparison.
Index CDh
User Defined Device 2 Control Register (R/W)
Reset Value: 00h
7
Memory or I/O Mapped. determines how User Defined Device 2 is mapped.
0: I/O
1: Memory
6:0
Mask.
If bit 7 = 0 (I/O):
Bit 6
0: Disable write cycle tracking
1: Enable write cycle tracking
Bit 5
0: Disable read cycle tracking
1: Enable read cycle tracking
Bits [4:0] Mask for address bits A[4:0]
If bit 7 = 1 (Memory):
Bits [6:0] Mask for address memory bits A[15:9] (512 bytes min. and 64 KB max.) A[8:0] are ignored.
Note:
A "1" in a mask bit means that the address bit is ignored for comparison.
Table 5-29. F0: PCI Header and Bridge Configuration Registers for GPIO and LPC Support (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com