Electronic Components Datasheet Search
  English  ▼

X  

SC2200 Datasheet(PDF) 228 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 228 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 224Page - National Semiconductor (TI) SC2200 Datasheet HTML 225Page - National Semiconductor (TI) SC2200 Datasheet HTML 226Page - National Semiconductor (TI) SC2200 Datasheet HTML 227Page - National Semiconductor (TI) SC2200 Datasheet HTML 228Page - National Semiconductor (TI) SC2200 Datasheet HTML 229Page - National Semiconductor (TI) SC2200 Datasheet HTML 230Page - National Semiconductor (TI) SC2200 Datasheet HTML 231Page - National Semiconductor (TI) SC2200 Datasheet HTML 232Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 433 page
background image
www.national.com
228
Revision 3.0
Core Logic Module (Continued)
Index F5h
Second Level PME/SMI Status Register 2 (RC)
Reset Value: 00h
The bits in this register contain second level status reporting. Top level status is reported in F1BAR0+I/O Offset 00h/02h[0].
Reading this register clears the status at both the second and top levels.
A read-only “Mirror” version of this register exists at F0 Index 85h. If the value of the register must be read without clearing the SMI
source (and consequently deasserting SMI), F0 Index 85h can be read instead.
7
Video Idle Timer SMI Status. Indicates whether or not an SMI was caused by expiration of Video Idle Timer Count Regis-
ter, (F0 Index A6h).
0: No.
1: Yes.
To enable SMI generation, set F0 Index 81h[7] = 1.
6
User Defined Device Idle Timer 3 (UDEF3) SMI Status. Indicates whether or not an SMI was caused by expiration of User
Defined Device 3 (UDEF3) Idle Timer Count Register (F0 Index A4h).
0: No.
1: Yes.
To enable SMI generation, set F0 Index 81h[6] = 1.
5
User Defined Device Idle Timer 2 (UDEF2) SMI Status. Indicates whether or not an SMI was caused by expiration of User
Defined Device 2 (UDEF2) Idle Timer Count Register (F0 Index A2h).
0: No.
1: Yes.
To enable SMI generation, set F0 Index 81h[5] = 1.
4
User Defined Device Idle Timer 1 (UDEF1) SMI Status. Indicates whether or not an SMI was caused by expiration of User
Defined Device 1 (UDEF1) Idle Timer Count Register (F0 Index A0h).
0: No.
1: Yes.
To enable SMI generation, set F0 Index 81h[4] = 1.
3
Keyboard/Mouse Idle Timer SMI Status. Indicates whether or not an SMI was caused by expiration of Keyboard/ Mouse
Idle Timer Count Register (F0 Index 9Eh).
0: No.
1: Yes.
To enable SMI generation, set F0 Index 81h[3] = 1.
2
Parallel/Serial Idle Timer SMI Status. Indicates whether or not an SMI was caused by expiration of Parallel/Serial Port Idle
Timer Count Register (F0 Index 9Ch).
0: No.
1: Yes.
To enable SMI generation, set F0 Index 81h[2] = 1.
1
Floppy Disk Idle Timer SMI Status. Indicates whether or not an SMI was caused by expiration of Floppy Disk Idle Timer
Count Register (F0 Index 9Ah).
0: No.
1: Yes.
To enable SMI generation, set F0 Index 81h[1] = 1.
0
Hard Disk Idle Timer SMI Status. Indicates whether or not an SMI was caused by expiration of Hard Disk Idle Timer Count
Register (F0 Index 98h).
0: No.
1: Yes.
To enable SMI generation, set F0 Index 81h[0] = 1.
Table 5-29. F0: PCI Header and Bridge Configuration Registers for GPIO and LPC Support (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com