Electronic Components Datasheet Search
  English  ▼

X  

SC2200 Datasheet(PDF) 224 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 224 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 220Page - National Semiconductor (TI) SC2200 Datasheet HTML 221Page - National Semiconductor (TI) SC2200 Datasheet HTML 222Page - National Semiconductor (TI) SC2200 Datasheet HTML 223Page - National Semiconductor (TI) SC2200 Datasheet HTML 224Page - National Semiconductor (TI) SC2200 Datasheet HTML 225Page - National Semiconductor (TI) SC2200 Datasheet HTML 226Page - National Semiconductor (TI) SC2200 Datasheet HTML 227Page - National Semiconductor (TI) SC2200 Datasheet HTML 228Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 433 page
background image
www.national.com
224
Revision 3.0
Core Logic Module (Continued)
Index B6h
Floppy Port 372h Shadow Register (RO)
Reset Value: xxh
7:0
Floppy Port 372h Shadow. Last written value of I/O Port 372h. Required for support of FDC power On/Off and 0V Sus-
pend/Resume coherency.
This register is a copy of an I/O register which cannot safely be directly read. The value in this register is not deterministic of
when the register is being read. It is provided here to assist in a Suspend-to-Disk operation.
Index B7h
Floppy Port 377h Shadow Register (RO)
Reset Value: xxh
7:0
Floppy Port 377h Shadow. Last written value of I/O Port 377h. Required for support of FDC power On/Off and 0V Sus-
pend/Resume coherency.
This register is a copy of an I/O register which cannot safely be directly read. The value in this register is not deterministic of
when the register is being read. It is provided here to assist in a Suspend-to-Disk operation.
Index B8h
DMA Shadow Register (RO)
Reset Value: xxh
7:0
DMA Shadow. This 8-bit port sequences through the following list of shadowed DMA Controller registers. At power on, a
pointer starts at the first register in the list and continuing through the other registers in subsequent reads according to the
read sequence. A write to this register resets the read sequence to the first register. Each shadow register in the sequence
contains the last data written to that location.
The read sequence for this register is:
1. DMA Channel 0 Mode Register
2. DMA Channel 1 Mode Register
3. DMA Channel 2 Mode Register
4. DMA Channel 3 Mode Register
5. DMA Channel 4 Mode Register
6. DMA Channel 5 Mode Register
7. DMA Channel 6 Mode Register
8. DMA Channel 7 Mode Register
9. DMA Channel Mask Register (bit 0 is channel 0 mask, etc.)
10. DMA Busy Register (bit 0 or 1 means a DMA occurred within last 1 msec, all other bits are 0)
Index B9h
PIC Shadow Register (RO)
Reset Value: xxh
7:0
PIC Shadow. This 8-bit port sequences through the following list of shadowed Interrupt Controller registers. At power on, a
pointer starts at the first register in the list and continuing through the other registers in subsequent reads according to the
read sequence. A write to this register resets the read sequence to the first register. Each shadow register in the sequence
contains the last data written to that location.
The read sequence for this register is:
1. PIC1 ICW1
2. PIC1 ICW2
3. PIC1 ICW3
4. PIC1 ICW4 - Bits [7:5] of ICW4 are always 0.
5. PIC1 OCW2 - Bits [6:3] of OCW2 are always 0 (See Note).
6. PIC1 OCW3 - Bits [7:4] are 0 and bits [6:3] are 1.
7. PIC2 ICW1
8. PIC2 ICW2
9. PIC2 ICW3
10. PIC2 ICW4 - Bits [7:5] of ICW4 are always 0.
11. PIC2 OCW2 - Bits [6:3] of OCW2 are always 0 (See Note).
12. PIC2 OCW3 - Bits [7:4] are 0 and bits [6:3] are 1.
Note:
To restore OCW2 to the shadow register value, write the appropriate address twice. First with the shadow register
value, then withthe shadow register valueORedwithC0h.
Table 5-29. F0: PCI Header and Bridge Configuration Registers for GPIO and LPC Support (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com