Electronic Components Datasheet Search
  English  ▼

X  

SC2200 Datasheet(PDF) 309 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 309 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 305Page - National Semiconductor (TI) SC2200 Datasheet HTML 306Page - National Semiconductor (TI) SC2200 Datasheet HTML 307Page - National Semiconductor (TI) SC2200 Datasheet HTML 308Page - National Semiconductor (TI) SC2200 Datasheet HTML 309Page - National Semiconductor (TI) SC2200 Datasheet HTML 310Page - National Semiconductor (TI) SC2200 Datasheet HTML 311Page - National Semiconductor (TI) SC2200 Datasheet HTML 312Page - National Semiconductor (TI) SC2200 Datasheet HTML 313Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 309 / 433 page
background image
Revision 3.0
309
www.national.com
Core Logic Module (Continued)
Table 5-46. Programmable Interrupt Controller Registers
Bit
Description
I/O Port 020h / 0A0h
Master / Slave PIC ICW1 (WO)
7:5
Reserved. Must be set to 0.
4
Reserved. Must be set to 1.
3
Trigger Mode.
0: Edge.
1: Level.
2
Vector Address Interval
0: 8 byte intervals.
1: 4 byte intervals.
1
Reserved. Must be set to 0 (cascade mode).
0
Reserved. Must be set to 1 (ICW4 must be programmed).
I/O Port 021h / 0A1h
Master / Slave PIC ICW2 (after ICW1 is written) (WO)
7:3
A[7:3]. Address lines [7:3] for base vector for interrupt controller.
2:0
Reserved. Must be set to 0.
I/O Port 021h / 0A1h
Master / Slave PIC ICW3 (after ICW2 is written) (WO)
Master PIC ICW3
7:0
Cascade IRQ. Must be 04h.
Slave PIC ICW3
7:0
Slave ID. Must be 02h.
I/O Port 021h / 0A1h
Master / Slave PIC ICW4 (after ICW3 is written) (WO)
7:5
Reserved. Must be set to 0.
4
Special Fully Nested Mode.
0: Disable.
1: Enable.
3:2
Reserved. Must be set to 0.
1
Auto EOI.
0: Normal EOI.
1: Auto EOI.
0
Reserved. Must be set to 1 (8086/8088 mode).
I/O Port 021h / 0A1h (R/W)
Master / Slave PIC OCW1
(except immediately after ICW1 is written)
7
IRQ7 / IRQ15 Mask.
0: Not Masked.
1: Mask.
6
IRQ6 / IRQ14 Mask.
0: Not Masked.
1: Mask.
5
IRQ5 / IRQ13 Mask.
0:
Not Masked.
1:
Mask.
4
IRQ4 / IRQ12 Mask.
0: Not Masked.
1: Mask.
3
IRQ3 / IRQ11 Mask.
0: Not Masked.
1: Mask.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com