Electronic Components Datasheet Search
  English  ▼

X  

SC2200 Datasheet(PDF) 308 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 308 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 304Page - National Semiconductor (TI) SC2200 Datasheet HTML 305Page - National Semiconductor (TI) SC2200 Datasheet HTML 306Page - National Semiconductor (TI) SC2200 Datasheet HTML 307Page - National Semiconductor (TI) SC2200 Datasheet HTML 308Page - National Semiconductor (TI) SC2200 Datasheet HTML 309Page - National Semiconductor (TI) SC2200 Datasheet HTML 310Page - National Semiconductor (TI) SC2200 Datasheet HTML 311Page - National Semiconductor (TI) SC2200 Datasheet HTML 312Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 308 / 433 page
background image
www.national.com
308
Revision 3.0
Core Logic Module (Continued)
I/O Port 042h
Write
PIT Timer 2 Counter (Speaker)
7:0
Counter Value.
Read
PIT Timer 2 Status (Speaker)
7
Counter Output. State of counter output signal.
6
Counter Loaded. Indicates if the last count written is loaded.
0: Yes.
1: No.
5:4
Current Read/Write Mode.
00: Counter latch command.
01: R/W LSB only.
10: R/W MSB only.
11: R/W LSB, followed by MSB.
3:1
Current Counter Mode. 0-5.
0
BCD Mode.
0: Binary.
1: BCD (Binary Coded Decimal).
I/O Port 043h (R/W)
PIT Mode Control Word Register
Notes:
1.
If bits [7:6] = 11: Register functions as Read Status Command and:
Bit 5 = Latch Count
Bit 4 = Latch Status
Bit 3 = Select Counter 2
Bit 2 = Select Counter 1
Bit 1 = Select Counter 0
Bit 0 = Reserved
2.
If bits [5:4] = 00: Register functions as Counter Latch Command and:
Bits [7:6] = Selects Counter
Bits [3:0] = Don’t care
7:6
Counter Select.
00: Counter 0.
01: Counter 1.
10: Counter 2.
11: Read-back command (Note 1).
5:4
Current Read/Write Mode.
00: Counter latch command.
01: R/W LSB only.
10: R/W MSB only.
11: R/W LSB, followed by MSB.
3:1
Current Counter Mode. 0-5.
0
BCD Mode.
0: Binary.
1: BCD (Binary Coded Decimal).
Table 5-45. Programmable Interval Timer Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com