Electronic Components Datasheet Search
  English  ▼

X  

SC2200 Datasheet(PDF) 408 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 408 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 404Page - National Semiconductor (TI) SC2200 Datasheet HTML 405Page - National Semiconductor (TI) SC2200 Datasheet HTML 406Page - National Semiconductor (TI) SC2200 Datasheet HTML 407Page - National Semiconductor (TI) SC2200 Datasheet HTML 408Page - National Semiconductor (TI) SC2200 Datasheet HTML 409Page - National Semiconductor (TI) SC2200 Datasheet HTML 410Page - National Semiconductor (TI) SC2200 Datasheet HTML 411Page - National Semiconductor (TI) SC2200 Datasheet HTML 412Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 408 / 433 page
background image
www.national.com
408
Revision 3.0
Electrical Specifications (Continued)
8.3.9
Universal Serial Bus (USB) Interface
Table 8-28. USB Timing Parameters
Symbol
Parameter
Min
Max
Unit
Figure
Comments
Full Speed Source1, 2
tUSB_R1
DPOS_Port1,2,3, DNEG_Port1,2,3
Driver Rise Time
4
20
ns
8-37
(Monotonic) from 10% to
90% of the D_Port lines
tUSB_F1
DPOS_Port1,2,3, DNEG_Port1,2,3
Driver Fall Time
4
20
ns
8-37
(Monotonic) from 90% to
10% of the D_Port lines
tUSB_FRFM
Rise/Fall time matching
90
110
%
tUSB_FSDR
Full-speed data rate
11.97
12.03
Mbps
Average bit rate 12 Mbps
± 0.25%
tUSB_FSF
Full-speed frame interval
0.9995
1.0005
ms
1.0 ms
± 0.05%
tperiod_F
Full-speed period between data bits
83.1
83.5
ns
Average bit rate 12 Mbps
tUSB DOR
Driver-output resistance
28
43
W
Steady-state drive
tUSB_DJ11
Source differential driver jitter3, 4 for
consecutive transition
–3.5
3.5
ns
8-38
tUSB_DJ12
Source differential driver jitter3, 4 for
paired transitions
–4.0
4.0
ns
8-38
tUSB_SE1
Source EOP width4, 5
160
175
ns
8-38
tUSB_DE1
Differential to EOP transition skew4, 5
–2
5
ns
8-39
tUSB_RJ11
Receiver data jitter tolerance4 for
consecutive transition
–18.5
18.5
ns
8-40
tUSB_RJ12
Receiver data jitter tolerance4 for
paired transitions
–9
9
ns
8-40
Full Speed Receiver EOP Width4
tUSB_RE11
Must reject as EOP5
40
ns
8-39
tUSB_RE12
Must accept as EOP5
82
ns
8-39
Low Speed Source1, 6
tUSB_R2
DPOS_Port1,2,3, DNEG_Port1,2,3
Driver Rise Time
75
3006
ns
8-37
(Monotonic) from 10% to
90% of the D_Port lines
tUSB_F2
DPOS_Port1,2,3, DNEG_Port1,2,3
Driver Fall Time
75
3006
ns
8-37
(Monotonic) from 90% to
10% of the D_Port lines
tUSB_LRFM
Low-speed Rise/Fall time matching
80
120
%
tUSB_LSDR
Low-speed data rate
1.4775
1.5225
Mbps
Average bit rate 1.5 Mbps
± 1.5%
tPERIOD_L
Low-speed period
0.657
0.677
µsat 1.5 Mbps
tUSB_DJD21
Source differential driver jitter4 for
consecutive transactions
–75
75
ns
Host (downstream)
tUSB_DJD22
Source differential driver jitter4 for
paired transactions
–45
45
ns
8-38
Host (downstream)
tUSB_DJU21
Source differential driver jitter4 for
consecutive transaction
–95
95
ns
8-38
Function (downstream)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com