Electronic Components Datasheet Search
  English  ▼

X  

SC2200 Datasheet(PDF) 412 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 412 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 408Page - National Semiconductor (TI) SC2200 Datasheet HTML 409Page - National Semiconductor (TI) SC2200 Datasheet HTML 410Page - National Semiconductor (TI) SC2200 Datasheet HTML 411Page - National Semiconductor (TI) SC2200 Datasheet HTML 412Page - National Semiconductor (TI) SC2200 Datasheet HTML 413Page - National Semiconductor (TI) SC2200 Datasheet HTML 414Page - National Semiconductor (TI) SC2200 Datasheet HTML 415Page - National Semiconductor (TI) SC2200 Datasheet HTML 416Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 412 / 433 page
background image
www.national.com
412
Revision 3.0
Electrical Specifications (Continued)
8.3.10 Serial Port (UART)
Figure 8-41. UART, Sharp-IR, SIR, and Consumer Remote Control Timing Diagram
Table 8-29. UART, Sharp-IR, SIR, and Consumer Remote Control Timing Parameters
Symbol
Parameter
Min
Max
Unit
Comments
tBT
Single Bit Time in UART and
Sharp-IR
tBTN -25
1
1.
tBTN is the nominal bit time in UART, Sharp-IR, SIR and Consumer Remote Control modes. It is determined by the set-
ting of the Baud Generator Divisor registers.
tBTN + 25
ns
Transmitter
tBTN -2%
tBTN + 2%
ns
Receiver
tCMW
Modulation Signal Pulse
Width in Sharp-IR and
Consumer Remote
Control
tCWN -25
2
2.
tCWN is the nominal pulse width of the modulation signal for Sharp-IR and Consumer Remote Control modes. It is de-
termined by the MCPW field (bits [7:5]) of the IRTXMC register and the TXHSC bit (bit 2) of the RCCFG register.
tCWN + 25
ns
Transmitter
500
ns
Receiver
tCMP
Modulation Signal Period in
Sharp-IR and Consumer
Remote Control
tCPN -25
3
3.
tCPN is the nominal period of the modulation signal for Sharp-IR and Consumer Remote Control modes. It is determined
by the MCFR field (bits [4:0]) of the IRTXMC registerand the TXHSC bit (bit 2) of the RCCFG register.
tCPN + 25
ns
Transmitter
tMMIN
4
4.
tMMIN and tMMAX define the time range within which the period of the incoming subcarrier signal has to fall in order for
the signal to be accepted by the receiver. These time values are determined by the contents of register IRRXDC and
the setting of the RXHSC bit (bit 5) of the RCCFG register.
tMMAX
4
ns
Receiver
tSPW
SIR Signal Pulse Width
(3/16)x tBTN -15
1
(3/16)x tBTN + 15
1
ns
Transmitter, Variable
1.48
1.78
µs
Transmitter, Fixed
1
µs
Receiver
SDRT
SIR Data Rate Tolerance
% of Nominal Data Rate
± 0.87%
Transmitter
± 2.0%
Receiver
tSJT
SIR Leading Edge Jitter
% of Nominal Bit Duration
± 2.5%
Transmitter
± 6.5%
Receiver
tBT
tSPW
tCMP
UART
Sharp IR
Consumer
Remote
SIR
tCMW
Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com