Electronic Components Datasheet Search
  English  ▼

X  

SC2200 Datasheet(PDF) 414 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 414 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 410Page - National Semiconductor (TI) SC2200 Datasheet HTML 411Page - National Semiconductor (TI) SC2200 Datasheet HTML 412Page - National Semiconductor (TI) SC2200 Datasheet HTML 413Page - National Semiconductor (TI) SC2200 Datasheet HTML 414Page - National Semiconductor (TI) SC2200 Datasheet HTML 415Page - National Semiconductor (TI) SC2200 Datasheet HTML 416Page - National Semiconductor (TI) SC2200 Datasheet HTML 417Page - National Semiconductor (TI) SC2200 Datasheet HTML 418Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 414 / 433 page
background image
www.national.com
414
Revision 3.0
Electrical Specifications (Continued)
8.3.12 Parallel Port Interface
Figure 8-43. Standard Parallel Port Typical Data Exchange Timing Diagram
Table 8-31. Standard Parallel Port Timing Parameters
Symbol
Parameter
Min
Typ
Max
Unit
Comments
tPDH
Port Data Hold
500
ns
Times are system dependent and
are therefore not tested.
tPDS
Port Data Setup
500
ns
Times are system dependent and
are therefore not tested.
tSW
Strobe Width
500
ns
Times are system dependent and
are therefore not tested.
tPDS
tPDH
tSW
BUSY
ACK#
PD[7:0]
STB#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com