Electronic Components Datasheet Search
  English  ▼

X  

SC2200 Datasheet(PDF) 410 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 410 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 406Page - National Semiconductor (TI) SC2200 Datasheet HTML 407Page - National Semiconductor (TI) SC2200 Datasheet HTML 408Page - National Semiconductor (TI) SC2200 Datasheet HTML 409Page - National Semiconductor (TI) SC2200 Datasheet HTML 410Page - National Semiconductor (TI) SC2200 Datasheet HTML 411Page - National Semiconductor (TI) SC2200 Datasheet HTML 412Page - National Semiconductor (TI) SC2200 Datasheet HTML 413Page - National Semiconductor (TI) SC2200 Datasheet HTML 414Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 410 / 433 page
background image
www.national.com
410
Revision 3.0
Electrical Specifications (Continued)
Figure 8-37. Data Signal Rise and Fall Timing Diagram
Figure 8-38. Source Differential Data Jitter Timing Diagram
Rise Time
Fall Time
tUSB_R1,2
tUSB_F1,2
90%
90%
10%
10%
Differential
Data Lines
CL
CL
Full Speed: 4to20nsat CL =50 pF
Low Speed: 75 ns at CL =50 pF, 300nsatCL = 350 pF
tperiod_F
Paired Transitions
Consecutive Transitions
Differential
Data Lines
Crossover Points
N*tperiod_F +tUSB_DJ11
N*tperiod_F +tUSB_DJ12
(1.3-2.0) V
tUSB_DJ12
tUSB_DJ11
tperiod_L
tUSB_DJD21
tUSB_DJU21
tUSB_DJD22
tUSB_DJU22
N*tperiod_L +tUSB_DJD21
N*tperiod_L +tUSB_DJU21
N*tperiod_L +tUSB_DJD22
N*tperiod_L +tUSB_DJU22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com