Electronic Components Datasheet Search
  English  ▼

X  

SC2200 Datasheet(PDF) 415 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 415 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 411Page - National Semiconductor (TI) SC2200 Datasheet HTML 412Page - National Semiconductor (TI) SC2200 Datasheet HTML 413Page - National Semiconductor (TI) SC2200 Datasheet HTML 414Page - National Semiconductor (TI) SC2200 Datasheet HTML 415Page - National Semiconductor (TI) SC2200 Datasheet HTML 416Page - National Semiconductor (TI) SC2200 Datasheet HTML 417Page - National Semiconductor (TI) SC2200 Datasheet HTML 418Page - National Semiconductor (TI) SC2200 Datasheet HTML 419Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 415 / 433 page
background image
Revision 3.0
415
www.national.com
Electrical Specifications (Continued)
Figure 8-44. Enhanced Parallel Port Timing Diagram
Table 8-32.
Enhanced Parallel Port Timing Parameters
Symbol
Parameter
Min
Max
EPP 1.7
EPP 1.9
Unit
tWW19a
WRITE# active from WAIT# low
45
x
ns
tWW19ia
WRITE# inactive from WAIT# low
45
x
ns
tWST19a
DSTRB# or ASTRB# active from WAIT# low
65
x
ns
tWEST
DSTRB# or ASTRB# active after WRITE#
active
10
x
x
ns
tWPDH
PD[7:0] Hold after WRITE# inactive
0
x
x
ns
tWPDS
PD[7:0] Valid after WRITE# active
15
x
x
ns
tEPDW
PD[7:0] Valid width
80
x
x
ns
tEPDH
PD[7:0] Hold after DSTRB# or ASTRB# inactive
0
x
x
ns
WRITE#
DSTRB#
ASTRB#
PD[7:0]
WAIT#
Valid
tWW19ia
tWPDH
tEPDH
tEPDW
or
tWW19a
tWST19a
tWPDS
tWEST
tWST19a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com