Electronic Components Datasheet Search
  English  ▼

X  

SC2200 Datasheet(PDF) 106 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 106 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 102Page - National Semiconductor (TI) SC2200 Datasheet HTML 103Page - National Semiconductor (TI) SC2200 Datasheet HTML 104Page - National Semiconductor (TI) SC2200 Datasheet HTML 105Page - National Semiconductor (TI) SC2200 Datasheet HTML 106Page - National Semiconductor (TI) SC2200 Datasheet HTML 107Page - National Semiconductor (TI) SC2200 Datasheet HTML 108Page - National Semiconductor (TI) SC2200 Datasheet HTML 109Page - National Semiconductor (TI) SC2200 Datasheet HTML 110Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 433 page
background image
www.national.com
106
Revision 3.0
SuperI/O Module (Continued)
4.4.1
SIO Control and Configuration Registers
Table 4-4 lists the SIO Control and Configuration registers and Table 4-5 provides their bit formats.
Table 4-4. SIO Control and Configuration Register Map
Index
Type
Name
Power Rail
Reset Value
20h
RO
SID. SIO ID
VCORE
F5h
21h
R/W
SIOCF1. SIO Configuration 1
VCORE
01h
22h
R/W
SIOCF2. SIO Configuration 2
VPP
02h
27h
RO
SRID. SIO Revision ID
VCORE
01h
2Eh
---
RSVD. Reserved exclusively for National use.
---
---
Table 4-5. SIO Control and Configuration Registers
Bit
Description
Index 20h
SIO ID Register - SID (RO)
Reset Value: F5h
7:0
Chip ID. Contains the identity number of the module. The SIO module is identified by the value F5h.
Index 21h
SIO Configuration 1 Register - SIOCF1 (RW)
Reset Value: 01h
7:6
General Purpose Scratch. When bit 5 is set to 1, these bits are RO. After reset, these bits can be read or write. Once
changed to RO, the bits can be changed back to R/W only by a hardware reset.
5
Lock Scratch. This bit controls bits 7 and 6 of this register. Once this bit is set to 1 by software, it can be cleared to 0 only
by a hardware reset.
0: Bits 7 and 6 of this register are R/W bits. (Default)
1: Bits 7 and 6 of this register are RO bits.
4:2
Reserved.
1
SW Reset. Read always returns 0.
0: Ignored. (Default)
1: Resets all devices that are reset by MR (with the exception of the lock bits) and the registers of the SWC.
0
Global Device Enable. This bit controls the function enable of all the logical devices in the SIO module, except the SWC
and the RTC. It allows them to be disabled simultaneously by writing to a single bit.
0: All logical devices in the SIO module are disabled, except the SWC and the RTC.
1: Each logical device is enabled according to its Activate register at Index 30h. (Default)
Index 22h
SIO Configuration 2 Register - SIOCF2 (R/W)
Reset Value: 02h
Note:
This register is reset only when VPP is first applied.
7
Reserved.
6:4
General Purpose Scratch. Battery-backed.
3:2
Reserved.
1
Reserved.
0
Reserved. (RO)
Index 27h
SIO Revision ID Register - SRID (RO)
Reset Value: 01h
7:0
SIO Revision ID. (RO) This RO register contains the identity number of the chip revision. SRID is incremented on each revi-
sion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com